Electronic Components Datasheet Search
  English  ▼

X  

BC253 Datasheet(PDF) 2 Page - ABB

Part # BC253
Description  DC Permanent Magnet Standard (BC253)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BC253 Datasheet(HTML) 2 Page - ABB

  BC253 Datasheet HTML 1Page - ABB BC253 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0 in
Product Net Depth /
Length
0 in
Product Net Height
0.25 lb
Product Net Weight
0 in
Product Net Width
Undefined
Product Type
No
Quote Only
piece
Selling Unit of Measure
China
Alabama, United States
Alaska, United States
Stocked At
(Warehouses)
Motors and Generators → DC Motors → Permanent Magnet → Permanent Magnet Standard
Categories
2
BC253
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/10/26



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com