Electronic Components Datasheet Search
  English  ▼

X  

LC-155B2M1MAT Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # LC-155B2M1MAT
Description  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B2M1MAT Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  LC-155B2M1MAT Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B2M1MAT Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
5
www.deltaww.com
Aug., 2006
Rev.:0D
Package Outline (Plastic Housing):
MADE IN CHINA
LC-XXXXXXXXXX
YYMMDDLXXXXX
XXXXnm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com