Electronic Components Datasheet Search
  English  ▼

X  

BCM3445 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3445
Description  HIGH-DEFINITION SATELLITE SYSTEM-ON-CHIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3445 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3445 Datasheet HTML 1Page - Broadcom Corporation. BCM3445 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OVERVIEW
®
Phone: 949-926-5000
Fax: 949-926-5203
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
5300 California Avenue
Irvine, California 92617
© 2008 by BROADCOM CORPORATION. All rights reserved.
7325-PB02-R
07/29/08
Broadcom®, the pulse logo, Connecting everything®, and the Connecting everything logo are among
the trademarks of Broadcom Corporation and/or its affiliates in the United States, certain other countries
and/or the EU. Any other trademarks or trade names mentioned are the property of their respective
owners.
BCM7325 Reference Design
The BCM7325 is Broadcom’s next-generation satellite set-top box
system on a single chip in 65-nm process. It integrates a single tuner/
demodulator from the BCM4506 front-end technology and the latest
generation of AVC decoder that supports multiple video formats. The
BCM7325 supports worldwide standards for DBS transmission systems
based on DVB-S2, 8PSK, and is backward compatible with the DVB-S
standards.
The BCM7325 operates on a dual-threaded MIPS CPU core running at
333-MHz and yielding over 600 DMIPS in performance. The BCM7325
is designed to support UMA and non-UMA memory architectures,
utilizing a 400-MHz clock, 32-bit wide Double Data Rate (DDR2)
memory I/F for enhanced performance and allows cost-effective
memory solutions.
The BCM7325 is a true single chip that can decode transport streams
delivered via the integrated DBS front end. In addition, it is capable of
decoding external TS input from 10/100 Ethernet ports. Several
interfaces required for TV output are integrated on chip including the
HDMI, baseband composite, component, or S-Video. An RF channel 3/
4 modulated output is also integrated on-chip. An HD video encoder with
copy protection that supports NTSC, PAL, and SECAM with
simultaneous SD output and optional Macrovision/DCS support is
integrated on chip.
The BCM7325 incorporates Broadcom’s advanced 2D graphics engine,
offering true studio-quality text and graphics with efficient use of
memory and bandwidth.
A full range of peripheral devices is supported on the BCM7325,
including UARTs, dual ISO7816 smart card interfaces, GPIO, counters/
timers, IR Tx/Rx, UHF Rx, I2C, and SPI controllers.
2x IR/LED/Key
3x UART,
2x Smart Card,
1x UHF RX
Advanced
Audio
Processor
AVC/VC-1
MPEG-2/4
Video
Decoder
USB 2.0
Ethernet/MI
QPSK
Demod
DDR2 DRAM 32-bit
Controller
800 MHz (Data)
UMA and Non-UMA
DDR2 DRAM Interface
Dual USB 2.0
L/R Audio Out
Digital Audio
6x Video
DACs
Component
S-Video
Composite
HDMI
HDMI
Dual-MAC
Integrated PHY
RF In
Integrated
Tuner
RF In
RF Mod
Ch. 3/4
Video and
Graphics
Processing
333-MHz MIPS CPU
32K D/I Cache 128K L2
Peripherals
DiSEqC
Soft Modem
I2S In/Out
1x S/PDIF
PCM Audio
Engine
DACs
2D
Graphics
Processor
PCI/EBI
Data
Transport
BSC
EJTAG
Security
Processor
8PSK
Demod
656 Out
4x BSC
FLASH,
PCMCIA
Test ICE
Soft Modem
Downloaded from Elcodis.com electronic components distributor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com