Electronic Components Datasheet Search
  English  ▼

X  

BY224 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BY224
Description  Silicon Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BY224 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BY224 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 2Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 3Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 4Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 5Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 6Page - List of Unclassifed Manufacturers BY224 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OEM: Valvo
Diode BY225/100
Datasheet
Silicon Bridge Rectifier
BY225/100
50V / 4,8A
DATASHEET
OEM – Valvo
Source: Valvo Datenbuch 1983
Datasheet Rev. 1.3 – 12/18 – data without warranty / liability


Similar Part No. - BY224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BY224 ETC-BY224 Datasheet
541Kb / 7P
Silicon Bridge Rectifier
1.3 - 12/18
More results

Similar Description - BY224

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
SILICON BRIDGE RECTIFIER
KBPC10005PT CHENMKO-KBPC10005PT Datasheet
76Kb / 2P
SILICON BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBU8A EIC-KBU8A Datasheet
50Kb / 2P
Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
SILICON BRIDGE RECTIFIER
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU6005 JUXING-KBU6005 Datasheet
463Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1B4B42 NJSEMI-1B4B42 Datasheet
86Kb / 2P
SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU8005 JUXING-KBU8005_18 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com