Electronic Components Datasheet Search
  English  ▼

X  

AAT1142 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT1142
Description  800mA Voltage-Scaling Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1142 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT1142 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1142 Datasheet HTML 17Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
I2C Address Bit Map
Figure 4 illustrates the address bit map format. The
7-bit address is sent with the Most Significant Bit
(MSB) first and is valid when SCL is high. This is fol-
lowed by the R/W bit in the Least Significant Bit
(LSB) location. The R/W bit determines the direction
of the transfer ('1' for read, '0' for write). The
AAT1142 is a write-only device and this bit must be
set low when communicating with the AAT1142. The
Acknowledge bit (ACK) is set to low by the AAT1142
slave to acknowledge receipt of the address.
AAT1142
800mA Voltage-Scaling Step-Down Converter
1142.2006.07.1.0
13
Figure 2: AAT1142 Graphical Output Voltage Programming Map.
Figure 3: I2C Start and Stop Conditions.
START: A High "1" to Low "0" Transition on the SDA Line While SCL is High "1"
STOP: A Low "0" to High "1" Transition on the SDA Line While SCL is High "1"
SDA
SCL
SDA
SCL
START
STOP
0.0
0.5
1.0
1.5
2.0
1.8
(default)
2.5
13
57
911 13 15 17 19 21 23 25 27 29 31 32
I2C/S2Cwire Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com