Electronic Components Datasheet Search
  English  ▼

X  

BP2309 Datasheet(PDF) 2 Page - Bright Power Semiconductor Co., Ltd.

Part # BP2309
Description   Non-isolated step-down active PFC LED driver picture
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP2309 Datasheet(HTML) 2 Page - Bright Power Semiconductor Co., Ltd.

  BP2309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP2309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BP2309
非隔离降压型有源 PFC LED 驱动芯片
BP2309_DS_Rev.1.0
www.bpsemi.com
2
Bright Power Semiconductor Co. Confidential – Customer Use Only
定购信息
定购型号
封装
温度范围
包装形式
打印
BP2309
SOP8
-40 ℃ 到 105 ℃
编带
2,500 颗/盘
BP2309
XXXXXY
XYY
管脚封装
CS
GND
COMP
LN
OUT
FB
VCC
ST
图 2 管脚封装图
管脚描述
管脚号
管脚名称
描述
1
CS
电流采样端,采样电阻接在 CS 和 GND 端之间
2
GND
芯片地
3
COMP
环路补偿点
4
LN
线电压采样输入端
5
FB
反馈信号采样端
6
VCC
芯片电源
7
ST
芯片启动引脚,通过驱动电阻连接外部功率 MOS 管的栅极
8
OUT
脉冲输出端,接外部功率 MOS 管的源极
XXXXXY: lot code
X: Year
YY:Week



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com