Electronic Components Datasheet Search
  English  ▼

X  

BP2513D Datasheet(PDF) 4 Page - Bright Power Semiconductor Co., Ltd.

Part # BP2513D
Description  Non-Isolated CCCV Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP2513D Datasheet(HTML) 4 Page - Bright Power Semiconductor Co., Ltd.

  BP2513D Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP2513D Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BP2513D
Non-Isolated CCCV Driver IC
BP2513D_EN_DS_Rev.1.0
www.bpsemi.com
4
BPS Confidential – Customer Use Only
晶丰明源半导体
Electrical Characteristics (Notes 4, 5) (Unless otherwise specified, VCC=16V and TA=25 ℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Section
VCC_CLAMP
VCC Clamp Voltage
5mA
27
V
VCC_ON
VCC Turn On Threshold
VCC Rising
15.3
V
VCC_UVLO
VCC Turn Off Threshold
VCC Falling
7.6
V
IST
VCC Startup Current
VCC= VCC-ON - 1V
120
uA
IOP
VCC Operating Current
VFB=3V,VCS=0
240
uA
Current Sense Section
VCS_TH
CS Peak Threshold
600
mV
TLEB
Leading Edge Blanking
350
ns
Feedback Section
VFB_EA_REF
Internal EA Reference
Voltage
3
V
VFB_OVP
FB OVP Threshold
4
V
VFB_DEM
FB ZCD Threshold
0.1
V
VFB_SHORT
Output short protection
Threshold
0.5
V
FOSC_SHORT
Clamp frequency for
output short
20
kHz
TSAMPLE_BIG
Samples time
VCS_TH =600mV
5.8
us
TOFF_MAX
Max. OFF time
Guaranteed by
design
1
ms
TON_MAX
Max. ON time
40
us
Power MOSFET
RDS_ON
Static Drain-source On-
resistance
VGS=10V/IDS=0.5
A
10
Ω
BVDSS
Drain-Source
Breakdown Voltage
VGS=0V/IDS=250u
A
500
V
IDSS
Power MOSFET Drain
Leakage Current
VGS=0V/VDS=500
V
1
uA
Thermal Regulation Section
TSD
Thermal shunt down
Guaranteed by
design
150
℃
Note 4: production testing of the chip is performed at 25°C.
Note 5: the maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed by design, characterization and statistical
analysis



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com