Electronic Components Datasheet Search
  English  ▼

X  

BCM43236 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # BCM43236
Description  2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43236 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button BCM43236 Datasheet HTML 19Page - Cypress Semiconductor BCM43236 Datasheet HTML 20Page - Cypress Semiconductor BCM43236 Datasheet HTML 21Page - Cypress Semiconductor BCM43236 Datasheet HTML 22Page - Cypress Semiconductor BCM43236 Datasheet HTML 23Page - Cypress Semiconductor BCM43236 Datasheet HTML 24Page - Cypress Semiconductor BCM43236 Datasheet HTML 25Page - Cypress Semiconductor BCM43236 Datasheet HTML 26Page - Cypress Semiconductor BCM43236 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Signal and Pin Descriptions
BROADCOM
September 16, 2013 • 43236_43236B-DS103-R
Page 22
®
BCM43236/BCM43236B Preliminary Data Sheet
Section 4: Signal and Pin Descriptions
Package Signal Descriptions
The signal name, type, and description of each pin in the BCM43236/BCM43236B 88-pin QFN package is listed
in Table 3. The symbols shown under Type indicate pin directions (I/O = bidirectional, I = input, O = output) and
the internal pull-up/pull-down characteristics (PU = weak internal pull-up resistor and PD = weak internal pull-
down resistor), if any. See also Table 4 on page 26 for resistor strapping options.
Table 3: Signal Descriptions
Signal
BCM43236/
BCM43236B Type
Description
Crystal Oscillator
xtal_in
49
I
XTAL oscillator input. Connect a 20 MHz, 10 ppm
crystal between the xtal_in and xtal_out pins.
xtal_out
48
O
XTAL oscillator output
xtal_buf_out
51
O
Buffered XTAL output
Serial Flash Interface
sflash_cs_l
2
O (8 mA-PU)
Serial flash chip select
sflash_q
3
I (8 mA-PU)
Serial flash data input
sflash_c
4
O (8 mA-PD)
Serial flash clock
sflash_d
5
O (8 mA)
Serial flash data output
USB Interface
usb_dmns
71
I/O
USB interface port D–
usb_dpls
70
I/O
USB interface port D+
usb_rref
75
O
During USB mode, tie this pin in parallel through
a 100 pF capacitor and a 4 kΩ resistor to ground.
During HSIC mode, tie this pin to a 50Ω resistor
to ground.
hsic_strb
74
O
USB HSIC strobe
hsic_data
73
I/O
USB HSIC data
usb_moncdr
68
–
For test/diagnostic purposes only.
Miscellaneous Signals
rcal_res_ext_core
44
O
Reference output, connect to ground via 15k 1%
resistor.
ext_por
52
I
External power-on reset (POR) input. Active low.
Allows an optional external power-on reset
circuit to be connected. If installed, the external
POR will override the internal POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com