Electronic Components Datasheet Search
  English  ▼

X  

746A Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 746A
Description  Eaton Crouse-Hinds series Pauluhn 746D2 spot light, Incandescent lamp, Heat resistant glass lens, Copper-free aluminum, Surface mount, Medium optical distribution, 120 Vac, 300W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

746A Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  746A Datasheet HTML 1Page - Eaton All Rights Reserved. 746A Datasheet HTML 2Page - Eaton All Rights Reserved. 746A Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Class I, Division 2
Class I, Zone 2
IP66
4X
300W
Hazardous/Classified Locations
Heat resistant glass
Medium
Incandescent
Copper-free aluminum
Surface
NEC/CEC
120 Vac
NEC hazardous rating
Ingress protection (IP) ratings
NEMA Rating
Wattage
Area classification
Lens material
Optical distribution
Lamp type
Material
Mounting Method
Standards type
Voltage rating



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com