Electronic Components Datasheet Search
  English  ▼

X  

EC200T Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200T
Description  Quectel EC200T IoT/M2M-optimized LTE Cat 4 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200T Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC200T Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200T Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel EC200T
IoT/M2M-optimized
LTE Cat 4 Module
Build a Smarter World
Quectel EC200T is a series of LTE Cat 4 modules optimized specially for M2M and IoT applications. Adopting the 3GPP Rel. 9
LTE technology, it delivers 150Mbps downlink and 50Mbps uplink data rates. Designed in compact and unified form factor,
EC200T is compatible with Quectel multi-mode LTE Standard EC2x(EC25/EC21/EC20 R2.0/EC20 R2.1), and UMTS/HSPA+
UC20/UC200T modules, which allows for flexible migration among them in design and manufacturing. EC200T also supports
standard Mini PCIe package to meet the needs of product applications in different industries.
EC200T contains two variants: EC200T-CN and EC200T-EU, which meet the frequency band coverage of different countries
and regions. EC200T adopts the laser engraving process to ensure more good-looking appearance, strong metal texture,
better heat dissipation, information not easy to be erased, and more suitable for automation requirements.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB serial drivers for Windows
7/8/8.1/10, Linux, Android) extend the applicability of the module to a wide range of M2M and IoT applications such as
industrial router, industrial PDA, rugged tablet PC, video surveillance, and digital signage.
LTE Cat 4 module optimized for M2M and IoT applications
Worldwide LTE, UMTS/HSPA+ and GSM/GPRS/EDGE coverage
Support Firmware Upgrade Over-The-Air (FOTA)
MIMO technology meets demands for data rate and link reliability
in modem wireless communication systems
Super cost-effective
LTE Cat 4
Max 150Mbps (DL)
Max 50Mbps (UL)
Max 42Mbps (DL)
Max 5.76Mbps (UL)
LCC Package
Embedded
Abundant Protocols
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Key Benefits
USB Drivers
FOTA
Rev: V1.0 | Status: Released
Wi-Fi
USB 2.0 High Speed
Interface
Quectel Enhanced
AT Commands


Similar Part No. - EC200T

ManufacturerPart #DatasheetDescription
logo
Clarke International
EC200 CLARKE-EC200 Datasheet
3Mb / 8P
WELDING EARTH CLAMPS
GC 0624
logo
Vishay Siliconix
EC200-104 VISHAY-EC200-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-254 VISHAY-EC200-254 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-503 VISHAY-EC200-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-504 VISHAY-EC200-504 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC200T

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EG95 QUECTEL-EG95 Datasheet
605Kb / 3P
IoT/M2M-optimized LTE Cat 4 Module
EC200S QUECTEL-EC200S Datasheet
362Kb / 2P
Quectel EC200S Series IoT/M2M-optimized LTE Cat 1 Module
Version: 1.0
EC200U QUECTEL-EC200U Datasheet
229Kb / 3P
Quectel EC200U Series IoT/M2M-optimized LTE Cat 1 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com