Electronic Components Datasheet Search
  English  ▼

X  

EC200U Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200U
Description  Quectel EC200U Series IoT/M2M-optimized LTE Cat 1 Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200U Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  EC200U Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200U Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. EC200U Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Status: Released
Key Features
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Version: 1.1
Quectel EC200U Series
IoT/M2M-optimized
LTE Cat 1 Module
Quectel EC200U series is a series of the latest LTE Cat 1 module optimized specially for M2M and IoT applications. It
delivers maximum data rates up to 10 Mbps downlink and 5 Mbps uplink. Designed in the compact and unified form
factor, EC200U series is compatible with Quectel multi-mode LTE Standard EC25 series/EC21 series/
EC20 R2.1/EC20-CN/EC200T series/EC200S series/EC25-G/EC21-G and UMTS/HSPA+ UC200T series, ensuring that it
can easily migrate from 3G to 4G network. EC200U series also supports standard Mini PCIe packages to meet the
needs of different industry applications.
EC200U series contains two variants: EC200U-CN and EC200U-EU, which meets the frequency band coverage of
different countries and regions. Adopting laser engraving process, EC200U series features a more fashionable
appearance, strong metallic texture, better heat dissipation capability and durable label information, which makes
it ideally suited for automation requirement.
EC200U series has a rich set of Internet protocols, industry-standard interfaces and abundant functionalities
(USB drivers for Windows 7/8/8.1/10, Linux, Android) extend the applicability of the module to a wide range of
M2M and IoT applications such as POS/POC/ETC, shared equipment, data card, energy control and monitoring,
security and protection, and industrial PDA.
LTE Cat 1 module optimized for M2M and IoT applications
Worldwide LTE, GSM/GPRS coverage
Abundant functional interfaces
Support analog audio
Built-in GNSS (optional)
Feature refinements: support Wi-Fi Scan (optional),
Bluetooth (optional) and FOTA
High performance
LTE Cat 1
Max. 10 Mbps (DL)
Max. 5 Mbps (UL)
Embedded Abundant
Protocols
GNSS (Optional)
USB 2.0 High Speed
Interface
Quectel Enhanced AT
Commands
LCC Package
FOTA
Bluetooth
(Optional)
Wi-Fi Scan
(Optional)
31.0 mm
2.4 mm


Similar Part No. - EC200U

ManufacturerPart #DatasheetDescription
logo
Clarke International
EC200 CLARKE-EC200 Datasheet
3Mb / 8P
WELDING EARTH CLAMPS
GC 0624
logo
Vishay Siliconix
EC200-104 VISHAY-EC200-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-254 VISHAY-EC200-254 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-503 VISHAY-EC200-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC200-504 VISHAY-EC200-504 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC200U

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
EG25-G QUECTEL-EG25-G Datasheet
691Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20 Datasheet
678Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC20 QUECTEL-EC20_V01 Datasheet
672Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21 Datasheet
673Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G_V01 Datasheet
692Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
EG25-G QUECTEL-EG25-G_V01 Datasheet
781Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC200S QUECTEL-EC200S Datasheet
362Kb / 2P
Quectel EC200S Series IoT/M2M-optimized LTE Cat 1 Module
Version: 1.0
EC200T QUECTEL-EC200T Datasheet
680Kb / 2P
Quectel EC200T IoT/M2M-optimized LTE Cat 4 Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com