Electronic Components Datasheet Search
  English  ▼

X  

SY10EP52V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP52V
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP52V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP52V Datasheet HTML 1Page - Micrel Semiconductor SY10EP52V Datasheet HTML 2Page - Micrel Semiconductor SY10EP52V Datasheet HTML 3Page - Micrel Semiconductor SY10EP52V Datasheet HTML 4Page - Micrel Semiconductor SY10EP52V Datasheet HTML 5Page - Micrel Semiconductor SY10EP52V Datasheet HTML 6Page - Micrel Semiconductor SY10EP52V Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ECL Pro™
SY10EP52V
Micrel, Inc.
M9999-092305
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
D
/D
CLK
/CLK
8
VCC
Q
/Q
VEE
7
6
5
2
3
4
Flip
Flop
D
8-Pin SOIC and MSOP
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP52VKC
K8-1
Commercial
HP52
Sn-Pb
SY10EP52VKCTR(2)
K8-1
Commercial
HP52
Sn-Pb
SY10EP52VZC
Z8-1
Commercial
HEP52V
Sn-Pb
SY10EP52VZCTR(2)
Z8-1
Commercial
HEP52V
Sn-Pb
SY10EP52VKI
K8-1
Industrial
HP52
Sn-Pb
SY10EP52VKITR(2)
K8-1
Industrial
HP52
Sn-Pb
SY10EP52VZI
Z8-1
Industrial
HEP52V
Sn-Pb
SY10EP52VZITR(2)
Z8-1
Industrial
HEP52V
Sn-Pb
SY10EP52VKG(3)
K8-1
Industrial
HP52 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP52VKGTR(2, 3)
K8-1
Industrial
HP52 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP52VZG(3)
Z8-1
Industrial
HEP52V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP52VZGTR(2, 3)
Z8-1
Industrial
HEP52V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com