Electronic Components Datasheet Search
  English  ▼

X  

EN2997 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # EN2997
Description  HIGH-PERFORMANCE AEROSPACE CONNECTORS FOR AIRCRAFT ENGINES & BOOSTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EN2997 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button EN2997 Datasheet HTML 8Page - TE Connectivity Ltd EN2997 Datasheet HTML 9Page - TE Connectivity Ltd EN2997 Datasheet HTML 10Page - TE Connectivity Ltd EN2997 Datasheet HTML 11Page - TE Connectivity Ltd EN2997 Datasheet HTML 12Page - TE Connectivity Ltd EN2997 Datasheet HTML 13Page - TE Connectivity Ltd EN2997 Datasheet HTML 14Page - TE Connectivity Ltd EN2997 Datasheet HTML 15Page - TE Connectivity Ltd EN2997 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
20
For assistance in North America: +1 800.675.1214 • www.peigenesis.com • sales@peigenesis.com
CONTACTS
PINS
SOCKETS
CONTACT
SIZE
WIRE
CRIMP
SIZE
RANGE
TYPE
PIN PART
NUMBER
COLOR BANDS WIRE STRIP
LENGTHS
WIRE INSULATION SEALING
RANGE
WIRE HOLE FILLER
1
2
IN.
MM
MIN
MAX
IN
MM
IN
MM
20
20,22,24
Standard
006-0937-20A
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
20
18,20,22,24
Standard
006-0044-20A
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
20
26,28,30
Standard
006-0972-20
White
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
16
16,18,20
Standard
006-0937-16A
Blue
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
16
14,16,18
Standard
006-1102-16
Orange
Blue
0.283
7.18
0.047
1.20
0.106
2.70
097-0139-16
16
20,22,24
Standard
182-0451-16
Red
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
16
26,28,30
Standard
025-0870-16
Black
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
12
12,14
Standard
006-0937-12A
Yellow Yellow 0.283
7.18
0.075
1.90
0.157
4.00
097-0138-12
20
20,22,24
High-Temperature
097-0015-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
24
High-Temperature
097-0047-20
Blue
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
16
16,18,20
High-Temperature
097-0014-16
Blue
Blue
0.283
7.18
0.047
1.20
0.106
2.70
097-0140-16
16
14
High-Temperature
097-0177-16
Blue
Orange 0.283
7.18
0.047
1.20
0.106
2.70
097-0140-16
12
12,14
High-Temperature
097-0165-12
Yellow Yellow 0.283
7.18
0.075
1.90
0.157
4.00
097-0138-12
20
20,22,24
chromel
006-1186-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
006-1188-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
chromel
006-1131-20
Black
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
006-1132-20
Orange
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
025-0402-20
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
chromel
025-0404-20
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
16
20,22,24
chromel
006-0982-16
None
0.188
4.77
0.047
1.20
0.106
2.70
097-0140-16
16
20,22,24
alumel
006-0983-16
None
0.188
4.77
0.047
1.20
0.106
2.70
097-0140-16
8
6
Power K6*
182-0672-06
Green
Green
0.354
9.00
0.209
5.30
0.224
5.70
182-8004-08A
8
8
Power K6*
182-0672-08
Green
Red
0.161
4.10
0.173
4.40
182-8004-08A
8
10-12
Power K6*
182-0672-10
Green Brown
0.098
3.50
0.131
3.33
182-8004-08A
*For 18-02, 20-04 & 28-06 inserts only
CONTACT
SIZE
WIRE
CRIMP
SIZE
RANGE
TYPE
PIN PART
NUMBER
COLOR BANDS WIRE STRIP
LENGTHS
WIRE INSULATION SEALING
RANGE
WIRE HOLE FILLER
1
2
IN.
MM
MIN
MAX
IN
MM
IN
MM
20
20,22,24
Standard
006-0937-20A
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
20
18,20,22,24
Standard
006-0044-20A
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
20
26,28,30
Standard
006-0972-20
White
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0140-20
16
16,18,20
Standard
006-0937-16A
Blue
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
16
14,16,18
Standard
006-1102-16
Orange
Blue
0.283
7.18
0.047
1.20
0.106
2.70
097-0139-16
16
20,22,24
Standard
182-0451-16
Red
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
16
26,28,30
Standard
025-0870-16
Black
Blue
0.188
4.77
0.047
1.20
0.106
2.70
097-0139-16
12
12,14
Standard
006-0937-12A
Yellow Yellow 0.283
7.18
0.075
1.90
0.157
4.00
097-0138-12
20
20,22,24
High-Temperature
097-0015-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
24
High-Temperature
097-0047-20
Blue
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
16
16,18,20
High-Temperature
097-0014-16
Blue
Blue
0.283
7.18
0.047
1.20
0.106
2.70
097-0140-16
16
14
High-Temperature
097-0177-16
Blue
Orange 0.283
7.18
0.047
1.20
0.106
2.70
097-0140-16
12
12,14
High-Temperature
097-0165-12
Yellow Yellow 0.283
7.18
0.075
1.90
0.157
4.00
097-0138-12
20
20,22,24
chromel
006-1186-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
006-1188-20
Red
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
chromel
006-1131-20
Black
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
006-1132-20
Orange
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
alumel
025-0402-20
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
20
20,22,24
chromel
025-0404-20
Violet
Red
0.188
4.77
0.033
0.850
0.083
2.10
097-0139-20
16
20,22,24
chromel
006-0982-16
None
0.188
4.77
0.047
1.20
0.106
2.70
097-0140-16
16
20,22,24
alumel
006-0983-16
None
0.188
4.77
0.047
1.20
0.106
2.70
097-0140-16
8
6
Power K6*
182-0672-06
Green
Green
0.354
9.00
0.209
5.30
0.224
5.70
182-8004-08A
8
8
Power K6*
182-0672-08
Green
Red
0.161
4.10
0.173
4.40
182-8004-08A
8
10-12
Power K6*
182-0672-10
Green Brown
0.098
3.50
0.131
3.33
182-8004-08A
*For 18-02, 20-04 & 28-06 inserts only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com