Electronic Components Datasheet Search
  English  ▼

X  

BK1085SB Datasheet(PDF) 4 Page - Beken Corporation

Part # BK1085SB
Description  FM STEREO TRANSMITTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK1085SB Datasheet(HTML) 4 Page - Beken Corporation

  BK1085SB Datasheet HTML 1Page - Beken Corporation BK1085SB Datasheet HTML 2Page - Beken Corporation BK1085SB Datasheet HTML 3Page - Beken Corporation BK1085SB Datasheet HTML 4Page - Beken Corporation BK1085SB Datasheet HTML 5Page - Beken Corporation BK1085SB Datasheet HTML 6Page - Beken Corporation BK1085SB Datasheet HTML 7Page - Beken Corporation BK1085SB Datasheet HTML 8Page - Beken Corporation BK1085SB Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BK1085
Rev.1.1
Proprietary and Confidential
Page 4 of 20
Table 1 [D3, D2, D1, D0] mapping to channel frequency
Channel
selection bits
Channel
Frequency (MHz)
Channel
selection bits
Channel
Frequency (MHz)
0
87.7
8
106.7
1
87.9
9
106.9
2
88.1
10
107.1
3
88.3
11
107.3
4
88.5
12
107.5
5
88.7
13
107.7
6
88.9
14
107.9
7
From register
15
From register
2.6 FM modulator
The
FM
transmitter
uses
direct
frequency synthesis to radiate FM wave
to the air by modulating the carrier
signal with the composite signal.
2.7 Reference Clock
The BK1085 accepts wide range, from
32.768 kHz to 38.4 MHz, reference
clock input to the XI pin. For frequency
less than 4 MHz, it must be multiplier of
32.768 KHz. The BK1085 also support
crystal oscillator, using XI and XO pins. .
2.8 Programming Interface
The BK1085 supports both 2-wire I2C
(MODE=0) and 3-wire SPI (MODE=1)
programming interface. Interface clock
rate can be up to 20MHz.
BK1085 always latches data at the SCK
rising edge and outputs its data at SCK
falling edge. For MCU, data should be
always written at the falling edge of
SCK, and read out at the rising edge of
SCK.
2.8.1 3-wire bus mode
When selecting 3-wire mode, user must
set MODE = 1.
3-wire bus mode uses SCK, MOSI and
CSN pins. A transaction begins when
user drives CSN low. Next, user drives
an 8-bit command serially on MOSI,
which is captured by BK1085 on rising
edges of SCK. The command consists of
a 7-bit start register address, followed by
a read/write bit (read = 1, write = 0).
2.8.2 I2C bus mode
When selecting I2C mode, user must set
MODE = 0.
I2C bus mode only uses SCK and MOSI
pins. A transaction begins with the start
condition, which occurs when MOSI
falls while SCK is high. Next, user
drivers an 8-bit device ID serially on
MOSI, which is captured by BK1085 at
the rising edge of SCK. The device ID of
BK1085 is 0x1D.
After driving the device ID, user drives
an 8-bit control word on MOSI. The
control word consists of a 7-bit start
register
address,
followed
by
a
read/write bit (read = 1, write = 0).
For I2C host reading, the host must give
an ACK to BK1085 after each byte
access, and should give a NACK to
BK1085
after
last
byte
read
out.
http://www.DataSheet4U.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com