Electronic Components Datasheet Search
  English  ▼

X  

BK4819 Datasheet(PDF) 9 Page - Beken Corporation

Part # BK4819
Description  Analog Two Way Radio IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 Datasheet(HTML) 9 Page - Beken Corporation

Back Button BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation BK4819 Datasheet HTML 10Page - Beken Corporation BK4819 Datasheet HTML 11Page - Beken Corporation BK4819 Datasheet HTML 12Page - Beken Corporation BK4819 Datasheet HTML 13Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
BK4819
Proprietary and Confidential
Page 9 of 22
2.6
SPI Control Interface Characteristics
Table 6. SPI Control Interface Characteristics
Parameter
Symbol
Min.
Typ.
Max.
SCK Frequency
fSCK
0 MHz
—
8 MHz
SCK High Time
tHIGH
25 ns
—
—
SCK Low Time
tLOW
25 ns
—
—
SDATA Input, SCN to SCK↑ Setup
tS
20 ns
—
—
SDATA Input to SCK↑ Hold
tHSDATA
10 ns
—
—
SCN Input to SCK↓ Hold
tHSCN
10 ns
—
—
SCK↓ to SDATA Output Valid
tCDV
2 ns
—
25 ns
SCK↓ to next SCK↑ after Address In
tNXT
1 us
—
—
SCK, SCN, SDATA, Rise/Fall Time
tR,tF
—
—
10 ns
SCK
SDATA
SCN
R/W
A6-1
A0
D15
D14-1
D0
tS
tR
tF
tS tHSDIO
tHIGH tLOW
tHSENB
3-wire Control Interface
Write Timing Diagram
Figure 6. 3-Wire Control Interface Write Timing Diagram
SCK
SDATA
SCN
R/W
A6-1
A0
D15
D14-1
D0
tS
tHSENB
tCDV
Bus
Turnaround
tNXT
3-wire Control Interface
Read Timing Diagram
Address In
Data Out
Figure 7. 3-Wire Control Interface Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com