Electronic Components Datasheet Search
  English  ▼

X  

BIT3102B Datasheet(PDF) 1 Page - Beyond Innovation Technology Co., Ltd.

Part # BIT3102B
Description  Low Cost PWM CCFL Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITEK [Beyond Innovation Technology Co., Ltd.]
Direct Link  https://www.bitek.com.tw/
Logo BITEK - Beyond Innovation Technology Co., Ltd.

BIT3102B Datasheet(HTML) 1 Page - Beyond Innovation Technology Co., Ltd.

  BIT3102B Datasheet HTML 1Page - Beyond Innovation Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Confidential material for authorized user only and BiTEK
www.BiTEK.com.tw
reserves the utmost right upon the information contained herein.
BIT3102B
Low Cost PWM CCFL Controller
General Description
To aim at the Cold Cathode Fluorescent Lamp
(CCFL) applications, BIT3102B integrates all
functions required in a single 14-pin chip. The chip
provides a fully functioning PWM control circuit with
a true load feedback protection. By setting the
required time for starting up the load, the fault
detection condition can be detected after start-up
period. The output load control can be done through
a PWM feedback loop. CMOS process reduces the
operating current (1mA typical) and NMOS output
driving capability enhances the system efficiency.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CM P
LOA D
CT
SST
ONOFF
GND
OUT2
O UT 1
V DD
CL OCK
V SEN
OLP
N.C.
VIN -
Features
PWM Modulation
Open Lamp Protection
Internal UVLO (Under Voltage Lock Out)
function
Dimming Control
CMOS Totem Pole output
NMOS output driving
SOP-14 Package
Applications
Cold Cathode Fluorescent Lamps system
LCD Monitor & TV
Video Phone/ Door Phone
Portable Instrumentation
Personal Digital Assistants
Automotive Display
Copiers and Office Equipment
Medical Equipment


Similar Part No. - BIT3102B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BIT3105 ETC-BIT3105 Datasheet
200Kb / 8P
High Efficiency ZVS CCFL Controller
BIT3105-SSO ETC-BIT3105-SSO Datasheet
200Kb / 8P
High Efficiency ZVS CCFL Controller
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
High Efficiency Dual ZVS CCFL Controller
More results

Similar Description - BIT3102B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
LOW COST PWM CCFL CONTROLLER
logo
Maxim Integrated Produc...
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
Low-Cost CCFL Backlight Controller
Rev 0; 6/04
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
Low-Cost CCFL Controller
Rev 0; 1/08
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
Low-Cost CCFL Backlight Controller
Rev 3; 2/09
logo
Advantech Co., Ltd.
ES-1115N-LXAE ADVANTECH-ES-1115N-LXAE Datasheet
619Kb / 6P
Dual PWM CCFL Controller
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
Dual PWM CCFL Controller
logo
Maxim Integrated Produc...
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
logo
List of Unclassifed Man...
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
Low Cost PWM Controller
Version: A0 2006/7/7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com