Electronic Components Datasheet Search
  English  ▼

X  

BL604 Datasheet(PDF) 29 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL604
Description  BL602/BL604 is Wi-Fi BLE combo chipset for ultra-low-cost and low-power application.
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL604 Datasheet(HTML) 29 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL604 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL604 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
9
Ordering Information
BL 602C - 00 - Q 2 I
Environment code
:
+=RoHS 0/ 6 ,- = RoHS 5 / 6 ,1 = RoHS 6 / 6 , 2 = Green
Temperature code : C / I /A / M
Package code : Q ( QFN) , B ( BGA ) , CSP
…
Band : S : Single - band 2. 4 G ; D : dualband , 2.4 G / 5 G ; NA : 2 .4 G
MSB = flash ,0 : no flash ,1: 8Mbit ,2 :16 Mbit , 3 ( no use) ,4 :32 Mbit
LSB = pSRAM , 0: no pSRAM, 1(no use) , 2 :16 Mbit , 3 ( no use) 4 : 32 Mbit …
Part number : C / L / E: wifi - ble combo / Light / Enhance
Eg. BL602 C / L / E , BL 604 C/ L / E
Show in package
,
Figure 9.1: Part Number
Table 9.1: Part Order Options
Product No.
Description
BL602C-00-Q2I
WiFi/BLE Combo, QFN32
BL602C-20-Q2I
WiFi/BLE Combo, QFN32, flash 16Mb
BL604E-20-Q2I
WiFi/BLE Enhance, QFN40, flash 16Mb
BL602/604 Datasheet
29/ 30
@2020 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com