Electronic Components Datasheet Search
  English  ▼

X  

EE14 Datasheet(PDF) 1 Page - E+E Elektronik Ges.m.b.H

Part # EE14
Description  Hygrostats for Wall and Duct Mounting Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE14 Datasheet(HTML) 1 Page - E+E Elektronik Ges.m.b.H

  EE14 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE14 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
37
EE14
v2.4
With a potentiometer it is possible to adjust the
threshold between 10 and 95% RH. A second
potentiometer is setting the switching-hysteresis
between 3 and 15% RH.
Connection Diagram
Hygrostats for Wall and Duct
Mounting Applications
The EE14 hygrostat
is based on the well proved E+E
humidity sensors of the HC series, which guarantee excellent
long term stability, low hysteresis and high resistance to
pollutants. The switching threshold is freely adjustable in the
range of 10...95% RH with a hysteresis which can be set
independently between 3% and 15% RH.
EE14 hygrostat is available for wall or duct mounting, the right
choice of protection filter cap enables maintenance free
function in heavily polluted environment.
refrigeration
swimming halls
climate- and ventilation controls
maintenance free operation
easy adjustment via poti
working range 10...95% RH
wettable
Typical Applications
Working Principle
Features
EE14 Series
EE14


Similar Part No. - EE14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE14-511 ETC1-EE14-511 Datasheet
136Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS 14 PIN 3.3V ECL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511 CONNOR-WINFIELD-EE14-511 Datasheet
209Kb / 2P
14 PIN 3.3V LVPECL CLOCK OSCILLATOR
EE14-511-125.00M CONNOR-WINFIELD-EE14-511-125.00M Datasheet
209Kb / 2P
14 PIN 3.3V LVPECL CLOCK OSCILLATOR
logo
List of Unclassifed Man...
EE14-511-125.00MHZ ETC1-EE14-511-125.00MHZ Datasheet
136Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS 14 PIN 3.3V ECL CLOCK OSCILLATOR
logo
Connor-Winfield Corpora...
EE14-511G CONNOR-WINFIELD-EE14-511G Datasheet
221Kb / 2P
14 PIN 3.3V LVPECL CLOCK OSCILLATOR
More results

Similar Description - EE14

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
Duct Smoke Detector for Special Applications
logo
Level One
IES-0522 LVL1-IES-0522 Datasheet
2Mb / 2P
Provides wall and desktop mounting
logo
Schneider Electric
RWT06S60 SCHNEIDER-RWT06S60 Datasheet
54Kb / 1P
WALL DUCT, STRAIGHT LENGTH 5FT W/ COVER
RWT06S60S SCHNEIDER-RWT06S60S Datasheet
54Kb / 1P
WALL DUCT 5FT STRAIGHT W/SURFACE COVER
RWT10S18 SCHNEIDER-RWT10S18 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH W/COVER
RWT10S18S SCHNEIDER-RWT10S18S Datasheet
54Kb / 1P
WALL DUCT,STRAIGHT LGTH W/SURFACE COVER
RWT10S60S SCHNEIDER-RWT10S60S Datasheet
54Kb / 1P
WALL DUCT 5FT STRAIGHT W/SURFACE COVER
RWT18S18 SCHNEIDER-RWT18S18 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH W/COVER
RWT18S18S SCHNEIDER-RWT18S18S Datasheet
55Kb / 1P
WALL DUCT,STRAIGHT LGTH W/SURFACE COVER
RWT18S60 SCHNEIDER-RWT18S60 Datasheet
55Kb / 1P
WALL DUCT, STRAIGHT LENGTH 5FT W/ COVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com