Electronic Components Datasheet Search
  English  ▼

X  

BL706 Datasheet(PDF) 20 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL706
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL706 Datasheet(HTML) 20 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL706 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL706 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
BL702/704/706 Datasheet
PAD_GPIO_0
20
19
18
17
16
15
VDDBUS_USB
PAD_GPIO_8
PAD_GPIO_7
PAD_GPIO_3
PAD_GPIO_2
PAD_GPIO_1
14
13
8
7
6
5
4
3
2
VDDIO_1
QFN48
(31GPIOs)
VDDCORE
PAD_GPIO_15
PAD_GPIO_17
PAD_GPIO_14
44
43
42
41
36
35
34
33
32
31
30
29
1
48
47
46
45
9
10
XTAL_HF_OUT 28
XTAL_HF_IN 27
40
39
22
21
PAD_GPIO_18
PAD_GPIO_20
PAD_GPIO_19
VDDIO_3
VDDIO_2
1.8V or 3.3V GPIO0-8 / GPIO23-31
GPIO9-13
GPIO14-22/GPIO32-37(Embedded PSRAM)
1.8V or 3.3V
3.3V
11
12 DCDC_OUT
AVDD15
26
25
24
23
38
37
PAD_GPIO_6
PAD_GPIO_5
PAD_GPIO_4
PAD_GPIO_16
VDDIO_3
AVDD_RF
Fig. 3.3: Pin layout (QFN48)
Table 3.1: Pin description
No
Voltage Domain
BL702
BL704
BL706
I/O Type
Pin Name
Description
1
VDDIO_1
1
1
1
DI/DO
PAD_GPIO_0
-
2
VDDIO_1
2
2
2
DI/DO
PAD_GPIO_1
-
3
VDDIO_1
3
3
3
DI/DO
PAD_GPIO_2
-
4
VDDIO_1
-
4
4
DI/DO
PAD_GPIO_3
-
5
VDDIO_1
-
-
5
DI/DO
PAD_GPIO_4
-
6
VDDIO_1
-
-
6
DI/DO
PAD_GPIO_5
-
7
VDDIO_1
-
-
7
DI/DO
PAD_GPIO_6
-
8
VDDIO_1
4
5
8
DI/DO
PAD_GPIO_7
-
9
VDDIO_1
5
6
9
DI/DO
PAD_GPIO_8
-
10
VDDIO_2
11
12
15
DI/DO
PAD_GPIO_9
-
11
VDDIO_2
-
13
16
DI/DO
PAD_GPIO_10
-
12
VDDIO_2
-
14
17
DI/DO
PAD_GPIO_11
-
13
VDDIO_2
-
-
18
DI/DO
PAD_GPIO_12
-
BL702/704/706 Datasheet
20/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com