Electronic Components Datasheet Search
  English  ▼

X  

EE65 Datasheet(PDF) 1 Page - E+E Elektronik Ges.m.b.H

Part # EE65
Description  Air Velocity Transmitter for HVAC Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE65 Datasheet(HTML) 1 Page - E+E Elektronik Ges.m.b.H

  EE65 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE65 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air Velocity Transmitter for
HVAC Applications
EE65 air velocity transmitters are ideal for accurate ventilation control
applications. They are operating on an innovative hot film anemometer
principle.
The E+E thin film sensor guarantees very good accuracy at low air velo-
city, which is not possible for conventional anemometers with commercial
temperature sensors or NTC bead thermistors.
Moreover, the E+E sensor is much more insensitive to dust and dirt than
all other anemometer principles. This means high reliability and low
maintenance costs.
The EE65 are available with current or voltage output, the measuring
range and the response time can be selected with jumpers by the user.
Low angular dependence enables easy, cost-effective installation.
The configuration equipment allows air velocity adjustment of the sensor.
HVAC
process and environmental control
low angular dependence
easy installation
adjustable to application requirements
Typical Applications
Features
Technical Data
EE65
EE65
Measuring values
Working range1)
0...10m/s (0...2000ft/min)
0...15m/s (0...3000ft/min)
0...20m/s (0...4000ft/min)
Output1)
0 - 10V
-1mA < I
L
< 1mA
0...10m/s / 0...15m/s / 0...20m/s
4 - 20mA
R
L
< 450 Ω
Accuracy at 20°C (68°F)
0.2...10m/s (40...2000ft/min) ±(0.2m/s / 40ft/min + 3 % of m. v.)
45 % RH and 1013hPa
0.2...15m/s (40...3000ft/min) ±(0.2m/s / 40ft/min + 3 % of m. v.)
0.2...20m/s (40...4000ft/min) ±(0.2m/s / 40ft/min + 3 % of m. v.)
Response time τ
90
1) 2)
typ. 4 sec. or typ. 0.7 sec. (at constant temperature)
General
Power supply
24V AC/DC ±20%
Current consumption for AC supply
max. 150 mA
for DC supply
max. 90 mA
Angular dependence
< 3% of measurement at | ∆α | < 10°
Electrical connection
screw terminals max. 1.5 mm2 (AWG 16)²
Cable gland
M16x1,5
cable Ø 4.5 - 10 mm (0.18 - 0.39”)
Electromagnetic compatibility
EN61326-1
EN61326-2-3
Housing material
Polycarbonate, UL94HB approved
Protecting class
Housing: IP65
remote Probe: IP20
Temperature range
working temperature probe
-25 ... +50°C
working temperature electronic -10 ... +50°C
storage temperature
-30 ... +60°C
Working range humidity
5...95 % RH (non-condensing)
1) Selectable by jumper
2) Response time τ90 is measured from the beginning of a step change of air velocity to the moment of reaching 90% of the step.
EE65 - B
EE65 - C
122
v2.9 / Modification rights reserved
EE65


Similar Part No. - EE65

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
More results

Similar Description - EE65

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
Precision humidity and temperature transmitter for HVAC control applications
T3000 AMPHENOL-T3000 Datasheet
98Kb / 4P
Accurate carbon dioxide transmitter for HVAC control applications
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
SFA30 SENSIRION-SFA30 Datasheet
662Kb / 16P
Formaldehyde Sensor Module for HVAC and Indoor Air Quality Applications
V1.1 - November 2020
logo
Greystone Energy System...
AVDT GREYSTONE-AVDT Datasheet
233Kb / 2P
DUCT AIR VELOCITY TRANSMITTER
03/20
logo
E+E Elektronik Ges.m.b....
EE576 EPLUSE-EE576 Datasheet
826Kb / 7P
Probe for Very Low Air Velocity
01-2023
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
Air Velocity Sensor for HVAC Applications
02-2023
EE671 EPLUSE-EE671 Datasheet
1Mb / 8P
HVAC Air Velocity Probe
08-2023
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com