Electronic Components Datasheet Search
  English  ▼

X  

BT124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT124
Description  Rechargeable Batteries Sealed lead acid (SLA)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT124 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- For general purpose, up to 5 years in standby service
or more than 260 cycles at 100% discharge
- Sealed non-spillable lead acid batteries
- Highly efficient, leak proof and maintenance free
Key Features
Rechargeable Bateries Reference Chart
Altronix
Model
Number
Output
Voltage
A/Hr
Dimensions
Weight
Length
Width
Height
Overall Height
Product
Shipping
BT124
12VDC
4
3.54”(90mm)
2.75” (70mm)
3.93” (100mm)
4.13” (105mm)
2.3 lb. (1.04 kg)
2.8 lb. (1.27 kg)
BT126
7
5.94” (151mm)
2.55” (65mm)
3.70” (94mm)
3.93” (100mm)
4.15 lb. (1.88 kg) 4.65 lb. (2.11 kg)
BT1212
12
5.94” (151mm)
3.85” (98mm)
3.74” (95mm)
3.97” (101mm)
8.3 lb. (3.76 kg)
8.8 lb. (4.0 kg)
BT1240
40
7.71” (196mm)
6.49” (165mm)
6.88” (175mm)
6.88” (175mm)
26.4 lb. (12 kg) 27.2 lb. (12.34 kg)
Rev. 12152021
Rechargeable Batteries
Sealed lead acid (SLA)
Altronix rechargeable batteries supply 12VDC for security, access, surveillance
and fire applications.
Altronix Corporation | 140 58th St | Brooklyn, NY 11220 USA
phone: +1 718.567.8181 | fax: +1 718.567.9056 | email: info@altronix.com | www.altronix.com


Similar Part No. - BT124

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BT12-2A66 MEDER-BT12-2A66 Datasheet
474Kb / 3P
Low Thermal
logo
Schneider Electric
BT120046AVBF3N SCHNEIDER-BT120046AVBF3N Datasheet
120Kb / 2P
VarSet Automatic Transient Free - CB (6000s) 1200 kVar, 480 V - Top - NEMA 1
May 21, 2020
logo
Silicon Laboratories
BT121 SILABS-BT121 Datasheet
2Mb / 48P
Bluetooth Smart Ready Module
BT121-A-V2 SILABS-BT121-A-V2 Datasheet
2Mb / 48P
Bluetooth Smart Ready Module
logo
Bolymin, Inc
BT121BABACB BOLYMIN-BT121BABACB Datasheet
351Kb / 1P
12.1 Color TFT-LCD video module
More results

Similar Description - BT124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-R063R4P PANASONIC-LC-R063R4P Datasheet
97Kb / 1P
SEALED LEAD ACID BATTERIES
logo
Dubilier
SLA6V1.2 DUBILIER-SLA6V1.2 Datasheet
77Kb / 1P
BATTERIES SEALED LEAD ACID
logo
Power Sonic Corporation
DCG12-85 POWER-SONIC-DCG12-85 Datasheet
472Kb / 2P
Rechargeable Sealed Lead Acid Battery
DCG12-100 POWER-SONIC-DCG12-100 Datasheet
472Kb / 2P
Rechargeable Sealed Lead Acid Battery
DCG12-110 POWER-SONIC-DCG12-110 Datasheet
482Kb / 2P
Rechargeable Sealed Lead Acid Battery
DCG12-125 POWER-SONIC-DCG12-125 Datasheet
499Kb / 2P
Rechargeable Sealed Lead Acid Battery
DCG12-200 POWER-SONIC-DCG12-200 Datasheet
480Kb / 2P
Rechargeable Sealed Lead Acid Battery
PDC-1275 POWER-SONIC-PDC-1275 Datasheet
1Mb / 2P
Rechargeable Sealed Lead Acid Battery
PDC-12140 POWER-SONIC-PDC-12140 Datasheet
1,006Kb / 2P
Rechargeable Sealed Lead Acid Battery
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com