Electronic Components Datasheet Search
  English  ▼

X  

BC518 Datasheet(PDF) 1 Page - Milbank Manufacturing Company

Part # BC518
Description  800 Ampere 1phase 600 Volt 71in-15in-6in Painted Steel Lift Off Screw Front 2 Lugs Per Landing - 4-600kcmil 4 Lugs Per Landing - 1/0-250kcmil 42k Ampere Interrupting Capacity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILBANK [Milbank Manufacturing Company]
Direct Link  https://www.milbankworks.com/
Logo MILBANK - Milbank Manufacturing Company

BC518 Datasheet(HTML) 1 Page - Milbank Manufacturing Company

  BC518 Datasheet HTML 1Page - Milbank Manufacturing Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Milbank Manufacturing | 4801 Deramus Ave., Kansas City, MO 64120 | 877.483.5314 | milbankworks.com
Please consult serving utility for their requirements prior to ordering or installing, as specifications and approvals vary by utility and may require local
electrical inspector approval. All installations must be installed by a licensed electrician and must comply with all national and local codes, laws and
regulations. Milbank reserves the right to make changes in specifications and features shown without notice or obligation.
Catalog Number
BC518
Marketing Product Description
800 Ampere 1phase 600 Volt
71in-15in-6in Painted Steel
Lift Off Screw Front 2 Lugs Per
Landing - 4-600kcmil 4 Lugs
Per Landing - 1/0-250kcmil
42k Ampere Interrupting
Capacity
UPC
784572111448
Length (IN)
6.19
Width (IN)
71.56
Height (IN)
15.5
Weight (LB)
95
Brand Name
Milbank
Type
Line to Load Distribution
Application
Bus Gutter
Standard
UL Listed;Type 3R
Number Of Conductors
2
Conductor Material
Copper and Aluminum
Size
6.19L x 71.56W x 15.5H
Amperage Rating
Up to 800 Ampere
Voltage Rating
Up to 600 Volts Alternating
Current
Temperature Rating
No Temperature Rating
Insulation Material
Polypropylene
Jacket Material
No Jacket Material
Color
ANSI 61 Gray
Connection
4 AWG to 600 kcmil Line Side
Lugs and 6 AWG to 250 kcmil
Load Side Lugs
Construction
G90 Galvanized Steel
Finish
Powder Coat Finish
Number of Positions
5 Positions
Number of Phases
1
Short Circuit Rating
42000 Ampere
BC518
1047736


Similar Part No. - BC518

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC51-10PA NEXPERIA-BC51-10PA Datasheet
1Mb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BC51-10PAS NEXPERIA-BC51-10PAS Datasheet
903Kb / 15P
45 V/60 V/80 V, 1 A PNP medium power transistors
BC51-10PAS NEXPERIA-BC51-10PAS Datasheet
261Kb / 11P
45 V, 1 A PNP medium power transistors
6 December 2022
BC51-10PAS-Q NEXPERIA-BC51-10PAS-Q Datasheet
263Kb / 11P
45 V, 1 A PNP medium power transistors
Rev. 1 18 October 2024
BC51-16PA NEXPERIA-BC51-16PA Datasheet
1Mb / 22P
45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
More results

Similar Description - BC518

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5452 PANASONIC-AN5452 Datasheet
69Kb / 9P
IC for landing correction
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
Landing Correction IC
logo
CSB Battery Co., Ltd.
MSJ150 CSB-BATTERY-MSJ150_16 Datasheet
880Kb / 2P
Cells per unit 1 Voltage per unit 2
MSJ200 CSB-BATTERY-MSJ200_16 Datasheet
877Kb / 2P
Cells per unit 1 Voltage per unit 2
MSJ650 CSB-BATTERY-MSJ650_16 Datasheet
901Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MSV300 CSB-BATTERY-MSV300_16 Datasheet
844Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MSV500 CSB-BATTERY-MSV500_16 Datasheet
870Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MSV650 CSB-BATTERY-MSV650_16 Datasheet
843Kb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MU1500S CSB-BATTERY-MU1500S_16 Datasheet
2Mb / 2P
Cells Per Unit 1 Voltage Per Unit 2
logo
SparkFun Electronics
DEV-11018 SPARKFUN-DEV-11018 Datasheet
607Kb / 9P
Shield Landing Page
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com