Electronic Components Datasheet Search
  English  ▼

X  

FR1117P Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FR1117P
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR1117P Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FR1117P Datasheet HTML 1Page - First Silicon Co., Ltd FR1117P Datasheet HTML 2Page - First Silicon Co., Ltd FR1117P Datasheet HTML 3Page - First Silicon Co., Ltd FR1117P Datasheet HTML 4Page - First Silicon Co., Ltd FR1117P Datasheet HTML 5Page - First Silicon Co., Ltd FR1117P Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2012. 07. 20
6/6
FR1117P/S/D/F-AD ~ FR1117P/S/D/F-5.0
Revision No : 7
APPLICATION INFORMATION
Maximum Output Current Capability
The FR1117 can deliver a continuous current of 1A over the full operating junction temperature range. However,
the output current is limited by the restriction of power dissipation which differs from packages. A heat sink may
be required depending on the maximum power dissipation and maximum ambient temperature of application.
With respect to the applied package, the maximum output current of 1A may be still undeliverable due to the
restriction of the power dissipation of FR1117. Under all possible conditions, the junction temperature must be
within the range specified under operating conditions. The temperatures over the device are given by:
TC = TA + PD X
θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total
power dissipation of the
device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of
junction-to-case,
and θJA is the thermal resistance of junction to ambient. The total power dissipation of the
device is given by:
PD = PIN – POUT = (V N X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics. The
maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistan
ce, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
FR1117 is available in SOT-223, TO-252 and SOT-89 packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum allowable value
of θJA calculated above is over
137°C/W for SOT-223 package, over 105 °C/W for TO-252 package, over 315 °C/W for SOT-89 package, no
heat sink is needed since the package can dissipate enough heat to satisfy these requirements. If the value for
allowable
θJA falls near or below these limits, a heat sink or proper area of copper plane is required. In summary,
the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
Thermal Resistance Junction-To-Ambient / SOT-223
θJA-SOT-223
137
°C/W
Thermal Resistance Junction-To-Ambient / TO-252
θJA-TO-252
105
°C/W
Thermal Resistance Junction-To-Ambient / SOT-89
θJA-SOT-89
315
°C/W
No heat sink / No air flow / No adjacent heat source / 0.066 inch
2 copper area. (T
A=25°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com