Electronic Components Datasheet Search
  English  ▼

X  

FR1117-AD Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FR1117-AD
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FR1117-AD Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FR1117-AD Datasheet HTML 1Page - First Silicon Co., Ltd FR1117-AD Datasheet HTML 2Page - First Silicon Co., Ltd FR1117-AD Datasheet HTML 3Page - First Silicon Co., Ltd FR1117-AD Datasheet HTML 4Page - First Silicon Co., Ltd FR1117-AD Datasheet HTML 5Page - First Silicon Co., Ltd FR1117-AD Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
FR1117 (Unless otherwise specified, Tj= -40 ~ 125℃)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
1.225
1.250
1.280
V
VOUT
1.470
1.500
1.530
Line Regulation
Reg Line
V
+1.5V≤V ≤10V, I
=10mA
OUT
IN
OUT
mV
Load Regulation
Reg Load
10mA≤I
≤
1A, V =V
+2.0V
OUT
IN
OUT
mV
Quiescent Current
IB
VIN=VOUT+1.5V, IOUT=0A
-
5.2
10
mA
IADj
VIN=V
-
50
120
Output Noise Voltage
VNO
VIN=VOUT+1.25V, IOUT=40mA,
10Hz≤ f ≤10kHz
-
100
-
μVrms
Short Circuit Current Limit
ISC
VIN=VOUT+1.5V
1.0
A
Ripple Rejection
R R
IOUT=1A, f=120Hz, Vripple=1Vp-p
VIN=VOUT+5V
60
72
-
dB
Dropout Voltage
VD
IOUT=1A, VIN=0.95VOUT
-
1.2
1.4
V
Temperature Stability
TCVO
VIN=VOUT+1.5V, IOUT=10mA
-
0.5
-
%
Adjustable Pin Current
1.25(AD)
1.5
1.8
2.5
3.3
5.0
1.25(AD)
1.5
1.8
2.5
3.3
5.0
1.25(AD)
1.5
1.8
2.5
3.3
5.0
1.764
1.800
1.836
2.450
2.500
2.550
3.240
3.300
3.360
4.900
5.000
5.100
0.1
0.2
-
-
-
-
-
-
-
-
-
-
-
-
-
2.0
7.0
2.0
7.0
2.0
7.0
3.0
7.0
4.0
10.0
0.2
3.0
10.0
3.0
10.0
3.0
10.0
4.0
12.0
5.0
15.0
1.25
2.2
10mA≤I
≤
1A, V
+1.5V≤V ≤10V
OUT
OUT
IN
OUT+1.5V
μA
2012. 07. 20
2/6
FR1117P/S/D/F-AD ~ FR1117P/S/D/F-5.0
Revision No : 7
1.176
1.200
1.224
1.2
1.2
2.0
7.0
-
1.2
3.0
-
mV
mV
%
%
10.0
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com