Electronic Components Datasheet Search
  English  ▼

X  

SY10EP89VZI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP89VZI
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89VZI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP89VZI Datasheet HTML 1Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 2Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 3Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 4Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 5Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 6Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 7Page - Micrel Semiconductor SY10EP89VZI Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ECL Pro™
SY10EP89V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
150Ω
150Ω
SY10EP89
VEE
DC Blocking Capacitors
75Ω
75Ω
75Ω
75Ω
75Ω Coax
75Ω Coax
Figure 1. EP89V Termination Configuration
Symbol
Rating
Value
Unit
VCC —VEE
Power Supply Voltage
6V
V
V
IN
Input Voltage (V
CC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (V
EE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
T
LEAD
Lead Temperature (Soldering, 20 sec.)
+260
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm (SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm (MSOP)
155
θJC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
Note 1.
Permanent Device Damage May Occur If Absolute Maximum Ratings Are Exceeded. This Is A Stress Rating Only And Functional Operation
Is Not Implied At Conditions Other Than Those Detailed In The Operational Sections Of This Data Sheet. Exposure To Absolute Maximum
Ratlng Conditions For Extended Periods May Affect Device Reliability.
ABSOLUTE MAXIMUM RATINGS(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com