Electronic Components Datasheet Search
  English  ▼

X  

SY10H352 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H352
Description  QUAD CMOS-to-PECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H352 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H352 Datasheet HTML 1Page - Micrel Semiconductor SY10H352 Datasheet HTML 2Page - Micrel Semiconductor SY10H352 Datasheet HTML 3Page - Micrel Semiconductor SY10H352 Datasheet HTML 4Page - Micrel Semiconductor SY10H352 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10H352
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
LEAD
Lead Temperature
+260
°C
(soldering, 20sec.)
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +85
°C
Note:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
CS
D
Q
/Q
HL
L
H
HHH
L
H
Open
H
L
LXL
H
Open
L
L
H
Open
H
H
L
Open
Open
H
L
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
CC
Power Supply Current ECL(1)
—
45
——
45
—
45
mA
No output
TTL(2)
—
15
——
15
—
15
loads
I
R
Reverse Current
—
20
——
20
—
20
µA
(Pins 7, 8, 12, 14)
I
INH
Reverse Current, (Pin 9)
—
80
——
80
—
80
µA
I
F
Forward Current
—–0.6
——
–0.6
—–0.6
mA
(Pins 7, 8, 12, 14)
I
INL
Forward Current, (Pin 9)
—–2.4
——
–2.4
—–2.4
mA
V
BR(in)
Input Breakdown Voltage
5.5
—
5.5
——
5.5
—
V
V
I
Input Clamp Voltage
—–1.5
——
–1.5
—–1.5
V
I
IN = –18mA
V
OH
Output HIGH Voltage(3)
3.98
4.16
4.02
—
4.19
4.09
4.28
V
V
OL
Output LOW Voltage(3)
3.05
3.37
3.05
—
3.37
3.05
3.37
V
V
IH
Input HIGH Voltage
3.15
—
3.15
——
3.15
—
V
V
IL
Input LOW Voltage
—
1.5
——
1.5
—
1.5
V
DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC2 = VCCE = VCCT = 4.75V to 5.25V
Notes:
1. Total ICC at VCC1, VCC2 and VCCE.
2. ICC at ICCT.
3. These values are for VCC = 5.0V. Level Specifications will vary 1:1 VCC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com