Electronic Components Datasheet Search
  English  ▼

X  

SY10H352JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H352JC
Description  QUAD CMOS-to-PECL TRANSLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H352JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H352JC Datasheet HTML 1Page - Micrel Semiconductor SY10H352JC Datasheet HTML 2Page - Micrel Semiconductor SY10H352JC Datasheet HTML 3Page - Micrel Semiconductor SY10H352JC Datasheet HTML 4Page - Micrel Semiconductor SY10H352JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY10H352
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Single 5V power supply
s All V
CC pins isolated on chip
s Differentially drive balanced lines
s t
pd 1.3ns typical
s Fully compatible with MC10H352
s Available in 20-pin PLCC package
The SY10H352 is a quad translator for interfacing data
between a CMOS logic section and the PECL section of
digital systems when only a +5.0V VDC power supply is
available. The SY10H352 has CMOS compatible inputs
and PECL complementary open-emitter outputs that allow
use as an inverting/non-inverting translator or as a
differential line driver. When the common strobe input is
at a low logic level, it forces all true outputs to the PECL
low logic state (
≈ +3.2V) and all inverting outputs to the
PECL high logic state (
≈ +4.1V).
The SY10H352 can also be used with the SY10H350
to transmit and receive CMOS information differentially
via balanced twisted pair lines.
FEATURES
QUAD CMOS-to-PECL
TRANSLATOR
BLOCK DIAGRAM
SY10H352
Rev.: B
Amendment: /0
Issue Date:
March 2006
1
2
5
4
14
12
8
7
9
16
17
19
18
D1
D0
D3
D2
/Q1
Q1
/Q0
Q0
/Q3
Q3
/Q2
Q2
COMMON
STROBE
V
CC (+5 VDC) = Pins 6, 11, 15, 20;
GND = Pin 10
Pin
Function
D0 – D3
Inputs
Q0 – Q3
Outputs
/Q0 – /Q3
Inverted outputs
VCC1
PECL V
CC (5.0V)
VCCE
PECL V
CC (5.0V)
VCCT
CMOS V
CC (5.0V)
VCC2
PECL V
CC (5.0V)
Common Strobe
Common Strobe
GND
Ground
PIN NAMES


Similar Part No. - SY10H352JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
63Kb / 5P
PECL-to-TTL TRANSLATOR
SY10H350JC MICREL-SY10H350JC Datasheet
63Kb / 5P
PECL-to-TTL TRANSLATOR
SY10H350JCTR MICREL-SY10H350JCTR Datasheet
63Kb / 5P
PECL-to-TTL TRANSLATOR
SY10H350JZ MICREL-SY10H350JZ Datasheet
63Kb / 5P
PECL-to-TTL TRANSLATOR
More results

Similar Description - SY10H352JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
Quad TTL/NMOS to PECL Translator
1996 REV 5
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
Quad CMOS to PECL* Translator
1996 REV 5
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
Differential PECL to CMOS/TTL Translator
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com