Electronic Components Datasheet Search
  English  ▼

X  

BZD142W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZD142W
Description  ZenBlockTM; zener with integrated blocking diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD142W Datasheet(HTML) 3 Page - NXP Semiconductors

  BZD142W Datasheet HTML 1Page - NXP Semiconductors BZD142W Datasheet HTML 2Page - NXP Semiconductors BZD142W Datasheet HTML 3Page - NXP Semiconductors BZD142W Datasheet HTML 4Page - NXP Semiconductors BZD142W Datasheet HTML 5Page - NXP Semiconductors BZD142W Datasheet HTML 6Page - NXP Semiconductors BZD142W Datasheet HTML 7Page - NXP Semiconductors BZD142W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Oct 10
3
Philips Semiconductors
Product specification
ZenBlockTM; zener with
integrated blocking diode
BZD142W
ELECTRICAL CHARACTERISTICS ZENER/TVS
Tj =25 °C unless otherwise specified.
Notes
1. To complete the type number the suffix is added to the basic type number, e.g. BZD142W-68.
2. Non-repetitive peak reverse current in accordance with
“IEC 60060-1, Section 8” (10/1000
µs pulse); see Fig.5.
ELECTRICAL CHARACTERISTICS BLOCKING DIODE
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.4.
For more information please refer to the
“General Part of associated Handbook”.
TYPE
NUMBER
SUFFIX(1)
WORKING VOLTAGE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
CLAMPING
VOLTAGE
REVERSE CURRENT
at STAND-OFF
VOLTAGE
VZ (V) at Itest
SZ (%/K) at Itest
Itest (mA)
V(CL)R
(V)
at IRSM
(A)(2)
IR (µA)
at VR (V)
MIN.
NOM.
MAX.
MIN.
MAX.
MAX.
MAX.
68
61
68
75
0.07
0.12
10
106
0.94
5
56
100
90
100
110
0.07
0.12
5
139
0.72
5
82
160
149
160
171
0.07
0.12
5
224
0.45
5
130
180
162
180
198
0.07
0.12
5
250
0.40
5
150
200
180
200
220
0.07
0.12
5
277
0.36
5
160
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
700
−−
V
IR
reverse current
VR = 600 V
−−
5
µA
VR = 600 V; Tj = 150 °C
−−
100
µA
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Fig.3
−
15
−
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
30
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com