Electronic Components Datasheet Search
  English  ▼

X  

AAT3113 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT3113
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3113 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT3113 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3113 Datasheet HTML 14Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AAT3113, AAT3114/14A
High Efficiency 1.5X Fractional Charge
Pumps For White LED Applications
10
3113.2006.07.1.9
EN/SET Serial Interface
The current source output magnitude is controlled
by the EN/SET pin using AnalogicTech’s Simple
Serial Control (S2Cwire) interface. The interface
records rising edges of the EN/SET pin and
decodes them into 32 individual current level set-
tings each 1dB apart. Code 32 is full scale, and
Code 1 is full scale attenuated by 31dB. The mod-
ulo 32 interface wraps states back to state 1 after
the 32nd clock, so 1dB of attenuation is achieved by
clocking the EN/SET pin 31 times (see graph titled,
“IDIODE Response -9dB to -10dB”). The counter can
be clocked at speeds up to 1MHz, so intermediate
states are not visible.
The first rising edge of
EN/SET enables the IC and initially sets the output
LED current to -31dB, the lowest setting equal to
525µA. Once the final clock cycle is input for the
desired brightness level, the EN/SET pin is held
high to maintain the device output current at the
programmed level. The device is disabled 500µs
after the EN/SET pin transitions to a logic low state.
The EN/SET timing is designed to accommodate a
wide range of data rates. After the first rising edge
of EN/SET, the charge pump is enabled and reach-
es full capacity after the soft-start time (TSS).
During the soft-start time, multiple clock pulses
may be entered on the EN/SET pin to set the final
output current level with a single burst of clocks.
Alternatively, the EN/SET clock pulses may be
entered one at a time to gradually increase the
LED brightness over any desired time period. A
constant current is sourced as long as EN/SET
remains in a logic high state. The current source
outputs are switched off after EN/SET has
remained in a low state for at least the tOFF timeout
period (see Figure 1).
LED Selection
AAT3113 and AAT3114/14A devices are designed
to drive white LEDs with forward voltages to 4.2V.
Since the D1:D6 output current sources are
matched with negligible voltage dependence, the
LED brightness will be matched regardless of their
forward voltage matching.
Charge Pump Efficiency
The AAT3113 and AAT3114/14A devices are frac-
tional charge pumps. The efficiency (
η) can be sim-
ply defined as a linear voltage regulator with an
effective output voltage that is equal to one and one
half times the input voltage. Efficiency (
η) for an
ideal 1.5X charge pump can typically be expressed
as the output power divided by the input power:
In addition, with an ideal 1.5X charge pump, the
output current may be expressed as 2/3 of the
input current. The expression to define the ideal
efficiency (
η) can be rewritten as:
-or-
For a charge pump with an output of 5 volts and a
nominal input of 3.5 volts, the theoretical efficiency
is 95%. Due to internal switching losses and IC
quiescent current consumption, the actual efficien-
cy can be measured at 93%. These figures are in
close agreement for output load conditions from
1mA to 100mA.
Efficiency will decrease as load
η(%) = 100
VOUT
1.5VIN
⎛⎞
⎝⎠
η = POUT = VOUT · IOUT = VOUT
PIN
VIN · 1.5IOUT
1.5VIN
η =
POUT
PIN
Figure 1: EN/SET Timing Diagram.
EN/SET
Code
1
2
3
OFF
OFF
t
HI
t
LO
t
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com