Electronic Components Datasheet Search
  English  ▼

X  

AAT3134 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT3134
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3134 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT3134 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AAT3134
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
3134.2005.12.1.1
13
Ordering Information
Package Information
QFN44-16
All dimensions in millimeters.
Pin 1 Dot By Marking
4.000
± 0.050
2.280 REF
Pin 1 Identification
R0.030Max
1
4
5
8
9
13
16
0.203
± 0.025
0.330
± 0.050
Top View
Bottom View
Side View
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking
1
Part Number (Tape and Reel)
2
QFN44-16
JBXYY
AAT3134ISN-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com