Electronic Components Datasheet Search
  English  ▼

X  

AAT3140 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3140
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3140 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3140 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3140 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AAT3140
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3140.2007.03.1.3
1
ChargePump™
General Description
The AAT3140 is a low noise, constant frequency
charge pump DC/DC converter that uses a tri-mode
load switch (1X), fractional (1.5X), and doubling (2X)
conversion to maximize efficiency for white LED appli-
cations. The device produces current levels up to
30mA on each of its four current source outputs to
drive various arrangements of LEDs from a 2.7V to
5.5V input. Outputs may be operated individually or in
parallel for driving higher-current LEDs. A low external
parts count (two 1µF flying capacitors and two small
1µF capacitors at V
IN and CP) make the AAT3140 ide-
ally suited for small battery-powered applications.
The AAT3140 is equipped with AnalogicTech’s unique
AutoBias™ technology which allows individual LEDs
to be powered either by charge pump or battery input,
determined internally and automatically to maximize
the power efficiency even with a large difference in
LED forward voltage.
AnalogicTech's Simple Serial Control™ (S
2Cwire™)
digital input is used to enable, disable, and set the
LED drive current with a 32-level logarithmic scale
LED brightness control. The AAT3140 has a thermal
management system to protect the device in the event
of a short-circuit condition at an output pin. Built-in soft-
start circuitry prevents excessive inrush current during
start-up. A high charge pump switching frequency
enables the use of very small external capacitors. In
shutdown mode, the device disconnects the load from
V
IN and reduces quiescent current to less than 1µA.
The AAT3140 is available in the very small, Pb-free
12-pin TSOPJW package.
Features
•V
IN Range: 2.7V to 5.5V
•
Tri-Mode 1X, 1.5X, and 2X Charge Pump for
Maximum Efficiency and V
F Coverage
•
Drives Low-V
F and High-VF Type LEDs
•
Up to Four 30mA Outputs
•
32-Position Logarithmic Scale with Digital
Control
•
Low Noise Constant Frequency Operation
•
1MHz Switching Frequency
•
AutoBias Technology
•
Small Application Circuit
•
Regulated Output Current
•
Automatic Soft Start
•
No Inductors
•I
Q < 1µA in Shutdown
•
12-Pin TSOPJW Package
Applications
•
Color (RGB) Lighting
•
Programmable Current Sources
•
White LED Backlighting
•
White Photo Flash for Digital Still Cameras
Typical Application
CIN
1
μF
VBATTERY
CCP
1
μF
EN/SET
C1
1
μF
C2
1
μF
D3
D2
D1
VIN
CP
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3140
D4


Similar Part No. - AAT3140

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140 Datasheet
498Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3140 ANALOGICTECH-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Skyworks Solutions Inc.
AAT3140 SKYWORKS-AAT3140 Datasheet
1Mb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
July 5, 2012
logo
Advanced Analogic Techn...
AAT3140ITP-T1 ANALOGICTECH-AAT3140ITP-T1 Datasheet
498Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3140ITP-T1 ANALOGICTECH-AAT3140ITP-T1 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3140

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140_07 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com