Electronic Components Datasheet Search
  English  ▼

X  

SY100S321JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S321JC
Description  LOW-POWER 9-BIT INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S321JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S321JC Datasheet HTML 1Page - Micrel Semiconductor SY100S321JC Datasheet HTML 2Page - Micrel Semiconductor SY100S321JC Datasheet HTML 3Page - Micrel Semiconductor SY100S321JC Datasheet HTML 4Page - Micrel Semiconductor SY100S321JC Datasheet HTML 5Page - Micrel Semiconductor SY100S321JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100S321
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
D1
O2
D2
D3
O4
D4
D5
O6
D6
D7
O8
D8
D9
O1
O3
O5
O7
O9
LOW-POWER 9-BIT
INVERTER
s Max. propagation delay of 700ps
s IEE min. of –55mA
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for
improved noise immunity
s 70% faster than Fairchild 300K at lower power
s Internal 75K
Ω input pull-down resistors
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
BLOCK DIAGRAM
The SY100S321 is a monolithic 9-bit inverter. The device
contains nine inverting buffer gates with single input and
output.
DESCRIPTION
SY100S321
Rev.: H
Amendment: /0
Issue Date:
March 2006
Pin
Function
D1 – D9
Data Inputs
Q1 – Q9
Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES


Similar Part No. - SY100S321JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S321JC MICREL-SY100S321JC Datasheet
99Kb / 5P
LOW-POWER 9-BIT INVERTER
SY100S321JC MICREL-SY100S321JC Datasheet
81Kb / 5P
LOW-POWER 9-BIT INVERTER
SY100S321JCTR MICREL-SY100S321JCTR Datasheet
99Kb / 5P
LOW-POWER 9-BIT INVERTER
SY100S321JCTR MICREL-SY100S321JCTR Datasheet
81Kb / 5P
LOW-POWER 9-BIT INVERTER
More results

Similar Description - SY100S321JC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100321 NSC-100321 Datasheet
104Kb / 6P
Low Power 9-Bit Inverter
100322 NSC-100322 Datasheet
104Kb / 6P
Low Power 9-Bit Buffer
F100322 NSC-F100322 Datasheet
184Kb / 6P
Low Power 9-Bit Buffer
logo
Fairchild Semiconductor
100321 FAIRCHILD-100321 Datasheet
65Kb / 6P
Low Power 9-Bit Inverter
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
Low Power 9-Bit Buffer
logo
Micrel Semiconductor
SY100S321 MICREL-SY100S321 Datasheet
99Kb / 5P
LOW-POWER 9-BIT INVERTER
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
logo
Micrel Semiconductor
SY100S321 MICREL-SY100S321_07 Datasheet
81Kb / 5P
LOW-POWER 9-BIT INVERTER
logo
Toshiba Semiconductor
TC74VHC9151P TOSHIBA-TC74VHC9151P Datasheet
216Kb / 10P
9-Bit Schmitt Buffer (Inverter)
31-Aug-2010
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
Low-power inverter
Rev. 7-27 June 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com