Electronic Components Datasheet Search
  English  ▼

X  

TRANSLATOR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # TRANSLATOR
Description  LOW-POWER HEX ECL-to-TTL TRANSLATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

TRANSLATOR Datasheet(HTML) 3 Page - Micrel Semiconductor

  TRANSLATOR Datasheet HTML 1Page - Micrel Semiconductor TRANSLATOR Datasheet HTML 2Page - Micrel Semiconductor TRANSLATOR Datasheet HTML 3Page - Micrel Semiconductor TRANSLATOR Datasheet HTML 4Page - Micrel Semiconductor TRANSLATOR Datasheet HTML 5Page - Micrel Semiconductor TRANSLATOR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100S325
Micrel, Inc.
M9999-061306
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
PLCC/FLATPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay
900
2100
2900
ps
CL = 15pF, Figure 2
tPHL
Data to Output
tPLH
Propagation Delay
900
3100
3700
ps
CL = 50pF, Figure 2
tPHL
Data to Output
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –4.8V unless otherwise specified, VCC =VCCA = GND, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.5
—
—
V
IOH = –2.0mA
VIN = VIH (Max.)
VOL
Output LOW Voltage
—
—
0.5
V
IOL = 24mA
VIN = VIL (Min.)
VDIFF
Input Voltage Differential
150
—
—
mV
Required for Full Output Swing
VCM
Common Mode Voltage
—
—
1.0
V
Permissible ±VCM with Respect to VBB
IIH
Input HIGH Current
—
—
350
µAVIN = VIH (Max.), D0–D5 = VBB, D0–D5 = VIL (Min.)
IIL
Input LOW Current
0.5
—
—
µAVIN = VIH (Min.), D0–D5 = VBB
IOS
Output Short Circuit Current
–150
–80
–60
mA
VOUT = GND
IEE
VEE Power Supply Current
–37
–24
–17
mA
D0–D5 = VBB
ITTL
VTTL Power Supply Current
—
42
65
mA
D0–D5 = VBB
VBB
Ouptut Reference Voltage
–1380
–1320 –1260
mV
IVBB = –2.1mA
VIH
Single-Ended Input HIGH
–1165
—
–880
mV
Guaranteed HIGH Signal for All Inputs (with One
Voltage
Tied to VBB)
VIL
Single-Ended Input LOW
–1810
—
–1475
mV
Guaranteed LOW Signal for All Inputs (with One
Voltage
Tied to VBB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com