Electronic Components Datasheet Search
  English  ▼

X  

AAT3152 Datasheet(PDF) 10 Page - Advanced Analog Technology, Inc.

Part # AAT3152
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3152 Datasheet(HTML) 10 Page - Advanced Analog Technology, Inc.

Back Button AAT3152 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 12Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AAT3152
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
10
3152.2005.08.1.2
Auto-Disable Feature
The AAT3152 is equipped with an auto-disable fea-
ture for each LED channel. After the IC is enabled
and started up, a test current of 150µA (typical) is
forced through each sink channel. The channel will
be disabled if the voltage of that particular current
sink pin does not drop to a certain threshold. This
feature is very convenient for disabling an unused
channel (by tying the DX pin to V
OUT) or during an
LED fail short event.
Thermal Protection
The AAT3152 has a built-in thermal protection cir-
cuit that will shut down the charge pump if the die
temperature rises above the thermal limit, as is the
case during a short circuit of the V
OUT pin.
Applications Information
LED Selection
Although the AAT3152 is specifically intended for
driving white LEDs, the device can also be used to
drive most types of LEDs with forward voltage
specifications ranging from 2.0V to 4.7V. LED
applications may include main and sub-LCD dis-
play backlighting, camera photo-flash applications,
color (RGB) LEDs, infrared (IR) diodes for remotes,
and other loads benefiting from a controlled output
current generated from a varying input voltage.
Since the D1 to D4 input current sinks are matched
with negligible voltage dependence, the LED
brightness will be matched regardless of the spe-
cific LED forward voltage (V
F) levels. In some
instances (e.g., in high-luminous-output applica-
tions such as photo-flash), it may be necessary to
drive high-V
F type LEDs. The low-dropout current
sinks in the AAT3152 make it capable of driving
LEDs with forward voltages as high as 4.7V at full
current from an input supply as low as 3.0V.
Outputs can be paralleled to drive high-current
LEDs without complication.
Device Switching Noise Performance
The AAT3152 operates at a fixed frequency of
approximately 1MHz to control noise and limit har-
monics that can interfere with the RF operation of
cellular telephone handsets or other communica-
tion devices. Back-injected noise appearing on the
input pin of the charge pump is 20mV peak-to-
peak, typically ten times less than inductor-based
DC/DC boost converter white LED backlight solu-
tions. The AAT3152 soft-start feature prevents
noise transient effects associated with in-rush cur-
rents during start-up of the charge pump circuit.
Capacitor Selection
Careful selection of the four external capacitors
C
IN, C1, C2, and COUT is important because they will
affect turn-on time, output ripple, and transient per-
S
2Cwire Serial Interface Timing
1
EN/SET
2
n
n <= 16
Data Reg
1n
0
T
HI
T
LO
T
LAT
T
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com