Electronic Components Datasheet Search
  English  ▼

X  

MB3883PV Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3883PV
Description  6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3883PV Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3883PV Datasheet HTML 17Page - fujitsu semiconductor MB3883PV Datasheet HTML 18Page - fujitsu semiconductor MB3883PV Datasheet HTML 19Page - fujitsu semiconductor MB3883PV Datasheet HTML 20Page - fujitsu semiconductor MB3883PV Datasheet HTML 21Page - fujitsu semiconductor MB3883PV Datasheet HTML 22Page - fujitsu semiconductor MB3883PV Datasheet HTML 23Page - fujitsu semiconductor MB3883PV Datasheet HTML 24Page - fujitsu semiconductor MB3883PV Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MB3883
21
4.
Soft Start Operation
1. Description
• When the CTL, CTL1,2, CTL3, CTL4, and CTL5 terminals are driven high (“H” level) at the same time
The capacitor (C+IN6) connected to the C+IN6 terminal (pin 5) starts charging. When the C+IN6 terminal voltage
falls below 0.9 V (Typ.), the capacitor (Cs) connected to the CS terminal (pin 15) starts charging and the error
amp. provides a soft start by comparing the CH1 to CH5 output voltage to the voltage at the CS terminal.
t
0.9 V
2 V
2.49 V
1.25 V
(1) to (2)
: CH6 soft start interval
(3) to (4)
: CH1 to CH5 soft start interval
Input
CTL (pin 20)
CTL1, 2 (pin 21)
CTL3 (pin 22)
CTL4 (pin 23)
CTL5 (pin 24)
Output
VB (pin 27)
C
+IN6 (pin 5)
CH6 output voltage
Vo6
VREF (pin 16)
CS (pin15)
CH1 to CH5 output
voltage Vo1 to Vo5
(1)
(3) (2)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com