Electronic Components Datasheet Search
  English  ▼

X  

BZG01-C13 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZG01-C13
Description  SMA voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZG01-C13 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZG01-C13 Datasheet HTML 1Page - NXP Semiconductors BZG01-C13 Datasheet HTML 2Page - NXP Semiconductors BZG01-C13 Datasheet HTML 3Page - NXP Semiconductors BZG01-C13 Datasheet HTML 4Page - NXP Semiconductors BZG01-C13 Datasheet HTML 5Page - NXP Semiconductors BZG01-C13 Datasheet HTML 6Page - NXP Semiconductors BZG01-C13 Datasheet HTML 7Page - NXP Semiconductors BZG01-C13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 Feb 17
4
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
Note
1. To complete the type number the suffix is added to the basic type number, e.g. BZG01-C130.
THERMAL CHARACTERISTICS
Notes
1. Device mounted on an Al2O3 printed-circuit board, 0.7 mm thick; thickness of Cu-layer ≥35 µm, see Fig.5.
2. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.5. For
more information please refer to the
‘General Part of associated Handbook’.
C160
153
160
171
350
1100
0.09
0.13
1.5
1
120
C180
168
180
191
400
1200
0.09
0.13
1.5
1
130
C200
188
200
212
500
1500
0.09
0.13
1.5
1
150
C220
208
220
233
700
2250
0.09
0.13
1
1
160
C240
228
240
256
800
2550
0.09
0.13
1
1
180
C270
251
270
289
1000
3000
0.09
0.13
1
1
200
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
30
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
note 2
150
K/W
TYPE
No.
SUFFIX
(1)
WORKING VOLTAGE
DIFFERENTIAL
RESISTANCE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
REVERSE CURRENT
at REVERSE VOLTAGE
VZ (V) at IZ
rdif (Ω)atIZ
SZ (%/K) at IZ
IZ (mA)
IR (µA)
VR (V)
MIN.
NOM.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com