Electronic Components Datasheet Search
  English  ▼

X  

AAT4250 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT4250
Description  Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4250 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT4250 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT4250 Datasheet HTML 13Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AAT4250
Slew Rate Controlled Load Switch
4250.2006.03.1.3
13
SC70JW-8
All dimensions in millimeters.
0.225
± 0.075
0.45
± 0.10
2.10
± 0.30
2.00
± 0.20
7
° ± 3°
4
° ± 4°
0.100
0.048REF
0.50 BSC 0.50 BSC 0.50 BSC
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com