Electronic Components Datasheet Search
  English  ▼

X  

SY100S366FC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S366FC
Description  9-BIT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S366FC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S366FC Datasheet HTML 1Page - Micrel Semiconductor SY100S366FC Datasheet HTML 2Page - Micrel Semiconductor SY100S366FC Datasheet HTML 3Page - Micrel Semiconductor SY100S366FC Datasheet HTML 4Page - Micrel Semiconductor SY100S366FC Datasheet HTML 5Page - Micrel Semiconductor SY100S366FC Datasheet HTML 6Page - Micrel Semiconductor SY100S366FC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SY100S366
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
A0 – A8
A Data Inputs
B0 – B8
B Data Inputs
A > B
A Greater Than B Output
B > A
B Greater Than A Output
A = B
Complement A Equal to B Output
(Active LOW)
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
9-BIT
COMPARATOR
SY100S366
FEATURES
s Max. propagation delay of 1500ps
s IEE min. of –120mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
Ω input pull-down resistors
s 120% faster than Fairchild
s Approximately 40% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
DESCRIPTION
The SY100S366 is an ultra-fast 9-bit magnitude
comparator designed for use in high-performance ECL
systems. The device compares the arithmetic value of two
9-bit words and indicates whether one word is greater than
or equal to the other. The inputs on the device have 75K
Ω
pull-down resistors.
PIN NAMES
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100S366FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S366FC MICREL-SY100S366FC Datasheet
114Kb / 6P
9-BIT COMPARATOR
More results

Similar Description - SY100S366FC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9324 NSC-9324 Datasheet
118Kb / 6P
5-Bit Comparator
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
9-BIT MAGNITUDE COMPARATOR
REV 3
logo
Fairchild Semiconductor
DM74ALS520 FAIRCHILD-DM74ALS520 Datasheet
51Kb / 5P
8-Bit Comparator
logo
Micrel Semiconductor
SY100S366 MICREL-SY100S366 Datasheet
114Kb / 6P
9-BIT COMPARATOR
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
logo
National Semiconductor ...
F100166 NSC-F100166 Datasheet
120Kb / 5P
9-BIT COMPARATOR
DM54LS460 NSC-DM54LS460 Datasheet
60Kb / 3P
10-Bit Comparator
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166_06 Datasheet
58Kb / 4P
9-BIT MAGNITUDE COMPARATOR
SY100S366 MICREL-SY100S366_07 Datasheet
77Kb / 6P
9-BIT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com