Electronic Components Datasheet Search
  English  ▼

X  

RK3328 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RK3328
Description  high-performance Quad-core application processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3328 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RK3328 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK3328 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
RK3328 Datasheet
Rev 1.2
Copyright 2018 ©Fuzhou Rockchip Electronics Co., Ltd.
- 39 -
Parameters
Symbol
Min
Typ
Max
Unit
USB 2.0 digital logic Power
USB20_DVDD_1V0
0.90
1.00
1.10
V
USB 2.0 OTG/Host Analog Power (1.8V)
USB20_AVDD_1V8
1.62
1.8
1.98
V
USB 2.0 OTG/Host Analog Power (3.3V)
USB20_AVDD_3V3
3.069
3.3
3.63
V
USB 3.0 digital logic Power
USB30_DVDD_1V0
0.90
1.00
1.10
V
USB 3.0 OTG/Host Analog Power (1.8V)
USB30_AVDD_1V8
1.62
1.8
1.98
V
USB 3.0 OTG/Host Analog Power (3.3V)
USB30_AVDD_3V3
3.069
3.3
3.63
V
OSC input clock frequency
N/A
24
N/A
MHz
Max CPU frequency of A53
1.4
GHz
Max GPU frequency
500
MHz
Ambient Operating Temperature
TA
0
25
80
℃
Notes:
①
Symbol name is same as the pin name in the io descriptions
3.3 DC Characteristics
Table 3-3 DC Characteristics
Parameters
Symbol
Min
Typ
Max
Unit
Digital GPIO
@3.3V
Input Low Voltage
Vil
-0.3
0
3.3x0.3
V
Input High Voltage
Vih
3.3x0.7
3.3
3.3+0.3
V
Output Low Voltage
Vol
-0.3
NA
NA
V
Output High Voltage
Voh
NA
NA
3.6
V
Threshold Point
Vtr+
1.53
1.46
1.43
V
Vtr-
1.19
1.12
1.05
V
Pullup Resistor
Rpu
33.7
58
101.5
Kohm
Pulldown Resistor
Rpd
34.2
60.1
109.3
Kohm
Digital GPIO
@1.8V
Input Low Voltage
Vil
-0.3
0
1.8x0.3
V
Input High Voltage
Vih
1.8x0.7
1.8
1.8 + 0.3
V
Output Low Voltage
Vol
-0.3
NA
NA
V
Output High Voltage
Voh
NA
NA
1.8+0.3
V
Threshold Point
Vtr+
1.23
1.12
1.03
V
Vtr-
0.91
0.82
0.73
V
Pullup Resistor
Rpu
35
62.9
120
Kohm
Pulldown Resistor
Rpd
35.1
61
113.9
Kohm
Input Low Voltage
Vildq(DC)
TBD
Vref-0.10
V
Output High Voltage
Voh(DC)
-
-
0.9VDDQ
V
Output Low Voltage
Vol(DC)
(0.1+0.9Ron/(
Rtt+Ron))*VD
DQ
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com