Electronic Components Datasheet Search
  English  ▼

X  

RK3566 Datasheet(PDF) 2 Page - Rockchip Electronics Co., Ltd

Part # RK3566
Description  A high-performance and low power quad-core application processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3566 Datasheet(HTML) 2 Page - Rockchip Electronics Co., Ltd

  RK3566 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK3566 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK3566 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright 2022 ©Rockchip Electronics CO., LTD.
www.rock-chips.com
•
•
•
•
•
•
•
•
•
System
RK3566
DMAC x2
Interrupt Controller
WDT
Secure Timer x2
Clock & Reset
Timer x6
SARADC x4
PLL x9
Crypto
PMU
TSADC
MCU
Mailbox
512KB L3-Cache
32KB L1 I-Cache
NOEN/FPU/Crypto
Core0
2D Graphics Engine
4K Video Decoder
GPU Mali-G52-2EE
IEP
JPEG Codec
Multi-Media Processor
1080p Video Encoder
8M ISP
Multi-Media Interface
Cortex-A55 Quad-Core
SDR/DDR/LBA Nand Flash
External Memory Interface
32Bit DDR Controller
(DDR3/DDR3L/DDR4/LPDDR4/LPDDR4X)
SD3.0/MMC4.51
eMMC 5.1
Nor Flash /Async SRAM
Connectivity
Embedded Memory
SRAM (64KB)
ROM (32KB)
OTP(8K bit)
SDIO 3.0
ISO7816
I2C x6
SPI x4
I2S/PCM(2ch) x2
I2S/TDM(8ch) x2, one
for HDMI
PDM(8ch)
Ethernet GMAC x1
(10/100/1000M)
UART x10
GPIO x142
SPDIF(8ch)
VAD
Audio PWM
Digital Acodec
PWM x16
32KB L1 D-Cache
32KB L1 I-Cache
NOEN/FPU/Crypto
Core1
32KB L1 D-Cache
32KB L1 I-Cache
NOEN/FPU/Crypto
Core2
32KB L1 D-Cache
32KB L1 I-Cache
NOEN/FPU/Crypto
Core3
32KB L1 D-Cache
VOP
(Same Source, Dual
Display)
16bits Camera I/F
MIPI-CSI_RX 4 Lane
Single LVDS/
Dual MIPI-DSI_TX
HDMI2.0a
E-Ink Interface
eDP1.3
USB3.0 HOST/SATA3.0
USB2.0 HOST x2
USB2.0 OTG
PCIe2.1/SATA3.0
NPU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com