Electronic Components Datasheet Search
  English  ▼

X  

RK3588 Datasheet(PDF) 2 Page - Rockchip Electronics Co., Ltd

Part # RK3588
Description  A high performance, low power AloT processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3588 Datasheet(HTML) 2 Page - Rockchip Electronics Co., Ltd

  RK3588 Datasheet HTML 1Page - Rockchip Electronics Co., Ltd RK3588 Datasheet HTML 2Page - Rockchip Electronics Co., Ltd RK3588 Datasheet HTML 3Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright 2022 ©Rockchip Electronics CO., LTD.
www.rock-chips.com
•
•
•
•
•
•
•
•
RK3588
2MB L2 Cache
Multi-Media
Interface
External Memory Interface
LPDDR4/LPDDR4X/LPDDR5
Quad-channel x16bit
SD3.0/MMC4.5
eMMC5.1
Connectivity
System Peripheral
SRAM
ROM
OTP
Cortex-A76
Quad-Core
(64K/64K L1 I/D Cache)
Embedded
Memory
Multi-Media Processor
512KB L2 Cache
Cortex-A55
Quad-Core
(32K/32K L1 I/D Cache)
Dual-cluster Core
3MB L3 Cache
USB OTG0 3.1/2.0/TypeC
2x SATA3/PCIe2.1
PCIe3.0 (2x2,1x4,4x1)
4x I2S/PCM/TDM
2x SPDIF(8ch)
2x Giga-Ethernet
SDIO 3.0
GPIO
2x USB Host 2.0
PDM/Audio PWM
10x UART
6x SPI
9x I2C
SATA3/PCIe2.1/USB3Host
USB OTG1 3.1/2.0/TypeC
MCU (Cortex-M0) x3
HDMI RX 2.0
2x HDMI2.1 TX/eDP1.3 4 Lane
2x DP1.4 4 Lane with HDCP2.3
(Combo with USB3)
2x MIPI-DSI DPHY 4 Lane
2x MIPI-CSI DPHY 4L/CPHY 3L
4x MIPI-CSI DPHY 2L
3x Mailbox
6x PVTM
3x DMAC
Interrupt Controller
TS-ADC
SAR-ADC
2x Crypto
5x Watchdog
16x PMW
30x Timer
System register
18x PLL
PMU
Clock & Reset
8K 10-bits Video Decoder
(H265/H264/VP9 )
8K Video Encoder
(H265/H264 )
Dual pipe ISP
(Support camera HDR input)
Image Enhancement
Processor
JPEG Encoder/Decoder
2D Graphics Engine
GPU Mali-G610 MP4
(4x256KB L2 Cache)
Display Controller
(Support video HDR output)
High Performance NPU
1MB Share Memory



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com