Electronic Components Datasheet Search
  English  ▼

X  

2181120302 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2181120302
Description  3 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2181120302 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2181120302 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A4
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2021/03/26
04:03:43
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 659320
DRWN:
ARAJU
2021/03/04
CHK'D:
RDESAI01
2021/03/26
APPR: RDESAI01
2021/03/26
INITIAL REVISION:
DRWN:
ARAJU
2021/03/04
APPR: RDESAI01
2021/03/26
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 218112
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2181120300
PSD 000
A
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
1
L1
L2
C
SEE DETAIL A
3
A
B
ITEM
PART#
DESCRIPTION
QTY
UOM
A
510210300
PicoBlade1.25 Rec Hsg 3P
1
PC
B
500588000
PicoBlade1.25 Crimp Rec Term Chain Tin
3
PC
C
--
Blank label 12.7x35.5mm (WHT:12.7mm) HF
1
PC
MOLEX
DETAIL A
P/N: 218112XXXX
MFG: WW-YY
FROM TO
DESCRIPTION
COLOR
A1
--
CABLE 28 AWG UL 1061 BLACK
BLACK
A2
--
CABLE 28 AWG UL 1061 BLACK
BLACK
A3
--
CABLE 28 AWG UL 1061 BLACK
BLACK
TABLE
PART NUMBER
L1
L2 (REF)
TITLE
2181120300
75±5
30
3 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2181120301
150±6
70
3 CIRCUIT PICOBLADE R:BLUNT CABLE 150MM
2181120302
225±6
105
3 CIRCUIT PICOBLADE R:BLUNT CABLE 225MM
2181120303
300±8
145
3 CIRCUIT PICOBLADE R:BLUNT CABLE 300MM
2181120304
425±8
205
3 CIRCUIT PICOBLADE R:BLUNT CABLE 425MM
REVISION
DATE
REV
DESCRIPTION
CHANGER
04/03/2021
A
INITIAL RELEASE
ARAJU
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
5
6
6
NOTES
1. Connector view shown is from mating side.
2. Free ends must be blunt cut.
3. Label text must be 2mm max. in height with Arial font.
4. Label must be wrapped in flag type on the cables.


Similar Part No. - 2181120302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2181120200 MOLEX-2181120200 Datasheet
88Kb / 1P
2 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181120200 MOLEX-2181120200 Datasheet
37Kb / 1P
PicoBlade Connector System
05/25/2021
2181120200 MOLEX-2181120200_V01 Datasheet
37Kb / 1P
PicoBlade Connector System
05/25/2021
2181120201 MOLEX-2181120201 Datasheet
88Kb / 1P
2 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181120202 MOLEX-2181120202 Datasheet
88Kb / 1P
2 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
More results

Similar Description - 2181120302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2181120401 MOLEX-2181120401 Datasheet
84Kb / 1P
4 CIRCUIT PICOBLADE R:BLUNT CABLE 150MM
2021/03/26
2181120604 MOLEX-2181120604 Datasheet
83Kb / 1P
6 CIRCUIT PICOBLADE R:BLUNT CABLE 425MM
2021/03/26
2181120900 MOLEX-2181120900 Datasheet
84Kb / 1P
9 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181120701 MOLEX-2181120701 Datasheet
84Kb / 1P
7 CIRCUIT PICOBLADE R:BLUNT CABLE 150MM
2021/03/26
2181120803 MOLEX-2181120803 Datasheet
84Kb / 1P
8 CIRCUIT PICOBLADE R:BLUNT CABLE 300MM
2021/03/26
2181121000 MOLEX-2181121000 Datasheet
85Kb / 1P
10 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181100200 MOLEX-2181100200 Datasheet
90Kb / 1P
2 CIRCUIT PICOBLADE P:P CABLE 75MM
2021/03/26
2181120200 MOLEX-2181120200 Datasheet
88Kb / 1P
2 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181120500 MOLEX-2181120500 Datasheet
89Kb / 1P
5 CIRCUIT PICOBLADE R:BLUNT CABLE 75MM
2021/03/26
2181130300 MOLEX-2181130300 Datasheet
92Kb / 1P
3 CIRCUIT PICOBLADE R:P CABLE 75MM
2021/03/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com