Electronic Components Datasheet Search
  English  ▼

X  

AAT4612 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT4612
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4612 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT4612 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4612 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
With typical specification of 125°C, 115°C is a safe
minimum value to use.
For example, if an application is specified to oper-
ate in 50°C environments, the PCB operates at
temperatures as high as 85°C. The application is
sealed and its PCB is small, causing RθJA to be
approximately 150°C/W. Using Equation 2,
Eq. 3:
The AAT4612 is safe to operate at the maximum
current level of 0.93A at 85°C.
=
I
MAX
T
SD(MIN) - TA(MAX)
R
DS(ON)(MAX) · R
ΘJA
AAT4612
Current Limited Load Switch
4612.2006.09.1.3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com