Electronic Components Datasheet Search
  English  ▼

X  

AAT4618 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT4618
Description  Current Limited Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4618 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT4618 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT4618 Datasheet HTML 11Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Functional Block Diagram
IN
OUT
ON (ON)
GND
Under-Voltage
Lockout
Over-Temperature
Protection
Current
Limit
FAULT
4ms Delay
AAT4618
Current Limited Load Switch
4618.2006.05.1.2
7
Functional Description
The AAT4618 is a single channel current limited
load switch that protects against short circuits by
current limiting to a preset level. A patented fast-
acting current limit loop limits the current in a frac-
tion of a microsecond and instantly resets to low
impedance once the short-circuit condition is
removed.
The AAT4618 is internally protected
from thermal damage by an over-temperature
detection circuit. If the die temperature reaches
the internal thermal limit, the power device is
switched off until the die temperature cools to a
level below the thermal limit threshold. The device
will thermal cycle indefinitely until the over-current
condition is removed. The AAT4618 operates with
input voltages ranging from 2.4V to 5.5V which,
along with its extremely low operating current,
makes it ideal for battery-powered applications. In
cases where the input voltage drops below 2.4V,
the AAT4618 MOSFET is protected from entering
the saturated region of operation by being auto-
matically shut down by an under-voltage lockout
circuit. A current limit condition is reported by the
open drain FAULT output. A 4ms blanking interval
prevents false reporting during the charging of a
capacitive load, which typically occurs during
device turn-on, but may also occur during a port
hot plug-in event.
The AAT4618 is ideally suited for protection of
peripheral ports such as USB, RS232, and parallel
ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com