Electronic Components Datasheet Search
  English  ▼

X  

MSK130 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK130
Description  ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK130 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK130 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK130 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
130
FEATURES:
Wide Supply Voltage Range 15V to 400V
Fast Slew Rate - 300 V/µS Typ.
FET Input - Accurate DC Specifications
Electrically Isolated Case
Low Cost Innovative Packaging
Very Low Quiescent Current - 6mA Typ.
Output Current to ±200mA
Adjustable Current Limit
EQUIVALENT SCHEMATIC
Output
Comp2
Comp1
Isense
+Vcc
1
2
3
4
5
-Input
+Input
No Connection
No Connection
-Vcc
10
9
8
7
6
PIN-OUT INFORMATION
Ultra-High Voltage Supplies
FET Input Instrumentation Amplifiers
Electrostatic Deflection
Electrostatic Transducers
Piezo Transducer Excitation
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
The MSK 130 is a high speed, high voltage differential amplifier designed for output currents up to ±200mA.
Since the MSK 130 utilizes external compensation, it exhibits wide bandwidth and greater stability over a wide gain
range. High frequency, high voltage instrumentation circuits and electrostatic transducers are just a sample of the
applications that the MSK 130 is well suited for. The device is packaged in a 10 pin insulated ceramic SIP with holes
for direct heat sink attachment.
DESCRIPTION:
ULTRA HIGH VOLTAGE
HIGH SPEED
DIFFERENTIAL OP-AMP
Rev. C 8/02
1


Similar Part No. - MSK130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
Anaren Microwave
MSK130 ANAREN-MSK130 Datasheet
466Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130_15 Datasheet
178Kb / 6P
Low Cost Innovative Packaging
More results

Similar Description - MSK130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
LMH6550 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
logo
Anaren Microwave
MSK130 ANAREN-MSK130 Datasheet
466Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com