Electronic Components Datasheet Search
  English  ▼

X  

SY58018U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58018U
Description  ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58018U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58018U Datasheet HTML 1Page - Micrel Semiconductor SY58018U Datasheet HTML 2Page - Micrel Semiconductor SY58018U Datasheet HTML 3Page - Micrel Semiconductor SY58018U Datasheet HTML 4Page - Micrel Semiconductor SY58018U Datasheet HTML 5Page - Micrel Semiconductor SY58018U Datasheet HTML 6Page - Micrel Semiconductor SY58018U Datasheet HTML 7Page - Micrel Semiconductor SY58018U Datasheet HTML 8Page - Micrel Semiconductor SY58018U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY58018U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 2
IN0, /IN0
Differential Input: These input pairs are the differential signal inputs to the device. They
3, 4
IN1, /IN1
accept differential AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
state if left open. Please refer to the
“Input Interface Applications” section for more details.
16, 5
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT
pin. The VT0 and VT1 pins provide a center-tap to a termination network for maximum
interface flexibility. See
“Input Interface Applications” section for more details.
6
SEL
This single-ended TTL/CMOS compatible input selects the inputs to the multiplexer. Note
that this input is internally connected to a 25k
Ω pull-up resistor and will default to a logic
HIGH state if left open.
7
NC
No connect.
8, 13
VCC
Positive Power Supply: Bypass with 0.1
µF0.01µF low ESR capacitors. 0.01µF capacitor
should be as close to VCC pin as possible.
12, 9
Q, /Q
Differential Outputs: This 100k compatible LVPECL output pair is the output of the device.
Normally terminate with 50
Ω to V
CC – 2V. See “Output Interface Applications” section. It is
a logic function of the IN0, IN1, and SEL inputs. Please refer to the
“Truth Table” for
details.
10, 11, 14, 15
GND,
Ground. Ground pins and exposed pad must be connected to the same ground plane.
Exposed Pad
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN0
/IN0
IN1
/IN1
Q
GND
GND
/Q
16-Pin MLF®
TRUTH TABLE
SEL
Output
0
CH0 Input Selected
1
CH1 Input Selected
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58018UMI
MLF-16
Industrial
018U
Sn-Pb
SY58018UMITR(2)
MLF-16
Industrial
018U
Sn-Pb
SY58018UMG(3)
MLF-16
Industrial
018U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58018UMGTR(2, 3)
MLF-16
Industrial
018U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com