Electronic Components Datasheet Search
  English  ▼

X  

MSK5901 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5901
Description  DUAL RAD TOLERANT /- VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5901 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5901 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5901 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5901 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5901 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5901 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5901 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road
Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
25KRAD(SI) Total Dose Performance
Internal Thermal Overload Protection
Output Current to 1.5 Amps
Output Voltage Internally Trimmed to ±1% Accuracy
Available to DSCC SMD #TBD
Lead Form Options: Straight and Gull Wing
Alternate Voltage Combinations Available
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
High Efficiency Linear Regulators
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
-VRTN
-VOUT
-VOUT
-VOUT
-VOUT
+VRTN
+VOUT
+VOUT
+VOUT
+VOUT
5901RH
SERIES
DUAL RAD TOLERANT
+/-
VOLTAGE REGULATOR
DESCRIPTION:
The MSK 5901RH series are dual Radiation Tolerant +/- voltage regulators offering low dropout and output accuracy to
±1% maximum. Excellent line and load regulation characteristics ensure highly accurate performance. In radiation envi-
ronments, a total dose rating of 25KRAD(SI) provides highly reliable performance. The MSK 5901RH series regulators are
equipped with internal thermal overload protection. The devices are packaged in a space efficient 20 pin flatpack with two
lead form options, straight and gull wing.
ISO-9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
1
Rev. D 7/05
MSK590XRH
MSK590XRHG
20
19
18
17
16
15
14
13
12
11
-VIN
-VIN
-VIN
-VIN
-Ccomp
+Ccomp
+VIN
+VIN
+VIN
+VIN
1
2
3
4
5
6
7
8
9
10


Similar Part No. - MSK5901

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5900ERH MSK-MSK5900ERH Datasheet
338Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900HRH MSK-MSK5900HRH Datasheet
338Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5900HRH ANAREN-MSK5900HRH Datasheet
715Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5900KRH MSK-MSK5900KRH Datasheet
338Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5900KRH ANAREN-MSK5900KRH Datasheet
715Kb / 9P
RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results

Similar Description - MSK5901

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
MSK5900RH MSK-MSK5900RH Datasheet
338Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920-3.3KRHU MSK-MSK5920-3.3KRHU Datasheet
340Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
MSK5921KRHU MSK-MSK5921KRHU Datasheet
331Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Texas Instruments
SN55182-SP TI1-SN55182-SP Datasheet
353Kb / 15P
RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE RECEIVER
SN55183-SP TI1-SN55183-SP Datasheet
222Kb / 12P
RAD-TOLERANT CLASS V, DUAL DIFFERENTIAL LINE DRIVER
logo
M.S. Kennedy Corporatio...
5921RH MSK-5921RH Datasheet
317Kb / 7P
RAD TOLERANT ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com