Electronic Components Datasheet Search
  English  ▼

X  

B02B-PASK Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # B02B-PASK
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B02B-PASK Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  B02B-PASK Datasheet HTML 1Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 2Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 3Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 4Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 5Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 6Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 7Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 8Page - JST Mfg. Co., Ltd. B02B-PASK Datasheet HTML 9Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
(25.8)retainer included
(26)retainer included
PAF Receptacle
+
PAL Receptacle
PA Receptacle
(Retainer mountable type)
+
PAL Receptacle
(21.5)retainer included
PA Receptacle
(Standard type)
+
PAL Receptacle
PAF Receptacle
+
PA side entry type header
PA Receptacle
(Retainer mountable type)
+
PA side entry type header
+0.1
 0
φ0.8
MIN1
±0.05
2.2
±0.05
2
±0.1
1.8
8.9
11.1
(1.1)
±0.1
1.45
±0.1
1.7
+0.1
  0
R0.4
±0.1
1
±0.1
A
Connector
outline
PA Receptacle
(Standard type)
+
PA side entry type header
8.9
(16)retainer included
(1.1)
8.9
(16.2)
(1.1)
+0.1
 0
φ0.8
MIN 1
±0.05
2.2
±0.05
2
±0.1
1.8
±0.1
1.7
±0.1
A
+0.1
  0
R0.4
±0.1
1
±0.1
1.45
Connector
outline
(6.2)
(1.4)
(7.6)
(1.4)
(6.2)
(1.4)
PAF Receptacle
+
PA Header
PA Receptacle
(Retainer mountable type)
+
PA Header
PA Receptacle
(Standard type)
+
PA Header
SMT type
Top entry type
Side entry type
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
Wire-to-wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com