Electronic Components Datasheet Search
  English  ▼

X  

U6808B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6808B
Description  Specia Fail-safe IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6808B Datasheet(HTML) 2 Page - ATMEL Corporation

  U6808B Datasheet HTML 1Page - ATMEL Corporation U6808B Datasheet HTML 2Page - ATMEL Corporation U6808B Datasheet HTML 3Page - ATMEL Corporation U6808B Datasheet HTML 4Page - ATMEL Corporation U6808B Datasheet HTML 5Page - ATMEL Corporation U6808B Datasheet HTML 6Page - ATMEL Corporation U6808B Datasheet HTML 7Page - ATMEL Corporation U6808B Datasheet HTML 8Page - ATMEL Corporation U6808B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
4707B–AUTO–10/05
U6808B
2.
Pin Configuration
Figure 2-1.
Pinning SO8
1
2
3
4
8
7
6
5
RELAY
GND
ENABLE
WDC
VS
RIN
WDI
RESET
Table 2-1.
Pin Description
Pin
Symbol
Type
Function
Logic
1RELAY
Open collector
driver output
Fail-safe relay driver
No signal: driver off
Low: driver on
2
GND
Supply
Standard ground
No signal
3
ENABLE
Digital output
Negative reset signal
Low: reset
4
WDC
Analog input
External RC for watchdog timer
No signal
5
RESET
Digital output
Negative reset signal
Low: reset
6
WDI
Digital input
Watchdog trigger signal
Pulse sequence
7
RIN
Digital input
Activation of relay driver
High: driver on
Low: driver off
8
VS
Supply
5-V supply
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com