Electronic Components Datasheet Search
  English  ▼

X  

SY87702L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87702L_06 Datasheet HTML 3Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 4Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 5Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 9Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 10Page - Micrel Semiconductor SY87702L_06 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SY87702L
7
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
VCOSEL1
VCOSEL2
FREQSEL1
FREQSEL2
FREQSEL3
Range (Mbps)
00000
2488 (OC48)
00001
1244
00010
622 (OC12)
00100
311
00110
155 (OC3)
01000
1800–2500
01001
900–1250(1)
10000
1250–1800
11000
650–1300(2)
11001
325–650(3)
11010
163–325
11011
109–216
11100
82–162
11101
55–108
11110
41–81
11111
28–54
Table 4.(4)
DESCRIPTION
General
The SY87702L is a complete clock and data recovery
circuit, capable of dealing with NRZ data rates from 28Mbps
through to 2.5Gbps. A reference PLL is used as a frequency
synthesizer, both to multiply a clock to the desired transmit
rate, and to train the recovery PLL in preparation for actual
data recovery.
VCO Selection
SY87702L has four complete VCO circuits. Depending
of the application and the frequency range, any one of
these four perform data recovery.
As indicated by the VCO selection table, there are three
general purpose VCOs, covering one of three frequency
ranges. However, to extend the range of the device, the
output of the VCO may be divided down.
In the case of the two highest frequency VCO, this divisor
is always set to 1. For the lowest frequency VCO, the
FREQSEL pins select which divisor, and hence, which range
of frequencies the VCO will work over.
In addition, for SONET/SDH applications, there is a narrow
band, extremely low jitter PLL. It also uses the FREQSEL
divisor to choose the correct SONET/SDH frequency.
The various combinations of FREQSEL and VCOSEL
are not arbitrary, but are limited to the subset shown in
Table 4, where the range column indicates frequency in
Mbps.
NOTES:
1. Suggested range for Fibre Channel applications.
2. REFCLK multiplier of 2 is not allowed in this range.
3. REFCLK multiplier of 1 is not allowed in this range.
4. Combinations of VCOSEL and FREQSEL other then those in this table result in undefined behavior, and should not be
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com